Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 12Page - Linear Technology LTC1402IGN Datasheet HTML 13Page - Linear Technology LTC1402IGN Datasheet HTML 14Page - Linear Technology LTC1402IGN Datasheet HTML 15Page - Linear Technology LTC1402IGN Datasheet HTML 16Page - Linear Technology LTC1402IGN Datasheet HTML 17Page - Linear Technology LTC1402IGN Datasheet HTML 18Page - Linear Technology LTC1402IGN Datasheet HTML 19Page - Linear Technology LTC1402IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1402
DIGITAL INTERFACE
The LTC1402 has a 3-wire SPI (Serial Protocol Interface)
interface. The SCK and CONV inputs and DOUT output
implement this interface. The SCK and CONV inputs are TTL
compatible and also accept swings from 3V or 5V logic. The
amplitude of DOUT can easily produce 5V logic or 3V logic
swings by tying the independent output supply OVDD
(Pin 11) to the same supply as system logic. A detailed de-
scription of the three serial port signals follows.
CONV at Pin 16
The rising edge of CONV starts a conversion but subse-
quent rising edges at CONV, during the following 14 SCK
cycles of conversion, are ignored by the LTC1402. The
duty cycle of CONV can be arbitrarily chosen to be used as
a frame sync signal for the processor serial port. A simple
approach to generate CONV is to create a pulse that is one
SCK wide to drive the LTC1402 and then buffer this signal
with the appropriate number of inverters to drive the frame
sync input of the processor serial port. It is good practice
to drive the LTC1402 CONV input first to avoid digital noise
interference during the sample-to-hold transition triggered
by CONV at the start of conversion. Another point to con-
sider is the level of jitter in the CONV signal if the input
signals have fast transients or sinewaves. Some proces-
sors can be programmed to generate a convenient frame
sync pulse at their serial port, but often this signal is de-
rived from a jittery processor phase locked loop clock
multiplier. This is true even if a low jitter crystal clock is the
reference for the processor clock multiplier.
SCK at Pin 15
The rising edge of SCK advances the conversion process
and also udpates each bit in the DOUT data stream. After
CONV rises, the second rising edge of SCK sends out the
REFREADY bit. Subsequent edges send out the 12 data
bits, with the MSB sent first. A simple approach is to
generate SCK to drive the LTC1402 and then buffer this
signal with the appropriate number of inverters to drive the
serial clock input of the processor serial port. The rising
edge of SCK is guaranteed to coincide with stable data at
DOUT. It is good practice to drive the LTC1402 SCK input
first to avoid digital noise interference during the internal
bit comparison decision by the internal high speed com-
parator. Unlike the CONV input, the SCK input is not
sensitive to jitter because the input signal is already
sampled and held constant.
DOUT at Pin 10
Upon power-up, the DOUT output is automatically reset to
the high impedance state. The DOUT output remains in high
impedance until a new conversion is started. DOUT sends
out 13 bits in the output data stream after the second rising
edge of SCK after the start of conversion with the rising
APPLICATIONS INFORMATION
15mW. The internal reference remains powered in Nap
mode. One or more rising edges at SCK wake up the
LTC1402 for service very quickly, and CONV can start an
accurate conversion within a clock cycle. Four rising edges
at CONV, without any intervening rising edges at SCK, put
the LTC1402 in Sleep mode and the power drain drops
from 90mW to 10
µW. One or more rising edges at SCK
wake up the LTC1402 for operation. The internal reference
(VREF) takes 2ms to slew and settle with a 10µF load, and
the REFREADY bit in the DOUT stream takes an additional
10ms to go high after the reference output Pin 5 (VREF) has
finished slewing. Note that, using sleep mode more fre-
quently than every 2ms, compromises the settled accu-
racy of the internal reference. Figure 12 shows the power
consumption versus the conversion rate. Note that, for
slower conversion rates, the Nap and Sleep modes can be
used for substantial reductions in power consumption.
Figure 12. Power Consumption vs Sample Rate
in Normal Mode, Nap Mode and Sleep Mode
SAMPLE RATE (MHz)
0.01
0.1
10
1
0.01
0.1
1
1402 F12
0.001
100
10
VDD CURRENT
DUAL
±5V
VSS CURRENT
DUAL
±5V
VDD CURRENT
SINGLE 5V
VSS CURRENT
SINGLE 5V
VDD CURRENT
SLEEP MODE
VDD CURRENT
NAP MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com