Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 16Page - Linear Technology LTC1402IGN Datasheet HTML 17Page - Linear Technology LTC1402IGN Datasheet HTML 18Page - Linear Technology LTC1402IGN Datasheet HTML 19Page - Linear Technology LTC1402IGN Datasheet HTML 20Page - Linear Technology LTC1402IGN Datasheet HTML 21Page - Linear Technology LTC1402IGN Datasheet HTML 22Page - Linear Technology LTC1402IGN Datasheet HTML 23Page - Linear Technology LTC1402IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1402
1402f LT/TP 0800 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
RESOLUTION
SPEED
COMMENTS
16-Bit
LTC1604
16
333ksps
±2.5V Input Range, ±5V Supply
LTC1605
16
100ksps
±10V Input Range, Single 5V Supply
LTC1606
16
250ksps
±10V Input Range, Pin-Compatible with LTC1605
LTC1608
16
500ksps
±2.5V Input Range, Pin-Compatible with LTC1604
14-Bit
LTC1414
14
2.2Msps
175mW, 80dB SINAD and 95dB SFDR
LTC1419
14
800ksps
150mW, 81.5dB SINAD and 95dB SFDR
LTC1416
14
400ksps
75mW, Low Power with Excellent AC Specs
LTC1418
14
200ksps
15mW, Single 5V, Serial/Parallel I/O
12-Bit
LTC1412
12
3Msps
150mW, 72dB SINAD and 82dB SFDR
LTC1410
12
1.25Msps
150mW, 71.5dB SINAD and 84dB THD
LTC1415
12
1.25Msps
55mW, Single 5V Supply
LTC1409
12
800ksps
80mW, 71.5dB SINAD and 84dB THD
LTC1404
12
600ksps
High Speed Serial I/O in SO-8 Package
LTC1400
12
400ksps
High Speed Serial I/O in SO-8 Package
PART NUMBER
DESCRIPTION
COMMENTS
References
LT1019-2.5
Precision Band Gap Voltage Reference
3ppm/
°C Drift, 0.5% Max Initial Accuracy
LT1460-2.5
Micropower Series Voltage Reference
0.075% Initial Accuracy, 10ppm/
°C Max Drift
LT1461-2.5
Precision Voltage Reference
3ppm/
°C Drift, 0.05% Max Initial Accuracy
DACs
LTC1451
12-Bit VOUT DAC
SO-8 Package, 12-Bit Monotonic Overtemperature
LTC1452
12-Bit VOUT Multiplying DAC
SO-8 Package, 2.7V to 5.5V Operation
LTC1456
12-Bit VOUT DAC
0.5LSB DNL, SO-8 Package, Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com