Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 16Page - Linear Technology LTC1402IGN Datasheet HTML 17Page - Linear Technology LTC1402IGN Datasheet HTML 18Page - Linear Technology LTC1402IGN Datasheet HTML 19Page - Linear Technology LTC1402IGN Datasheet HTML 20Page - Linear Technology LTC1402IGN Datasheet HTML 21Page - Linear Technology LTC1402IGN Datasheet HTML 22Page - Linear Technology LTC1402IGN Datasheet HTML 23Page - Linear Technology LTC1402IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1402
TYPICAL APPLICATION
Using Quad Cable Drivers/Receivers in Remote
LTC1402 Applications
In some applications, the host controller or main proces-
sor may be located some distance from the sensor, the
signal conditioning circuitry, and the ADC. In these appli-
cations, maintaining serial data integrity over long cable
distances can be a challenge. The circuit in Figure 15
shows one way to convey the LTC1402’s high-speed serial
data over a long distance. The circuit uses the LTC1688
quad cable driver and an LTC1520 quad cable receiver to
transmit/receive the LTC1402’s high-speed 35.2Mbps
serial data to the DSPs serial port over category-5
unshielded cable. Using these devices, the LTC1402’s
serial data can be transmitted up to 100 feet without data
corruption. Because the SCK, CONV and DOUT signals
originate at the LTC1402, they arrive at the serial port with
similar delays and remain synchronized. When the data is
received at the serial port of the DSP or other controller,
the port must be programmed to respond to the appropri-
ate SCK and CONV edges. It is also necessary to check
where the 12-bit output DATA resides in the 16-bit data
frame. The TMS320C54x serial port READ instructions
can shift the 12-bit data to the preferred position within the
16-bit data frame.
Figure 15. The LTC1402 3-Wire Serial Port Sends Data Over 100 Feet of Category-5
Twisted Pair with the LTC1688/LTC1520 Quad Driver/Receiver Pairs
100
Ω
100
Ω
100
Ω
100
Ω
100
Ω
100
Ω
SIGNAL
CONV
2.2Msps
CLK
35.2MHz
LTC1688
QUAD DRIVER
LTC1520
QUAD RECEIVER
PIN 4 = ENA
PIN12 = ENB
CATEGORY-5
UNSHIELDED CABLE
UP TO 100 FEET
REMEE PART NO.
5A244UTPM30BU
14
14
15
4
4
15
12
13
13
1
7
9
8
2
3
6
5
10
11
16
5V
5V
10
µF
0VDD
CONV
SCK
DOUT
OGND
11
16
15
10
9
AIN+
AIN–
DVDD
3
4
LTC1402
2
1
7
6
10
9
8
11
5
3
16
VDD
GND
BFSR
BCLKR
BDR
TMS320C54x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com