Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 15Page - Linear Technology LTC1402IGN Datasheet HTML 16Page - Linear Technology LTC1402IGN Datasheet HTML 17Page - Linear Technology LTC1402IGN Datasheet HTML 18Page - Linear Technology LTC1402IGN Datasheet HTML 19Page - Linear Technology LTC1402IGN Datasheet HTML 20Page - Linear Technology LTC1402IGN Datasheet HTML 21Page - Linear Technology LTC1402IGN Datasheet HTML 22Page - Linear Technology LTC1402IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1402
APPLICATIONS INFORMATION
; ***************************************************************************
; Files: BSP2KB.ASM ->
; 2kbyte collection into DSKPlus TMS320C542 with Serial Port interface to LTC1402
; first element at 1024, last element at 1023, two middle elements at 2047 and 0000
; bipolar mode
; ***************************************************************************
.width
160
.length
110
.title “sineb0 BSP in auto buffer mode”
.mmregs
.setsect “.text”,
0x500,0
;Set address of executable
.setsect “vectors”, 0x180,0
;Set address of incoming 1402 data
.setsect “buffer”, 0x800,0
;Set address of BSP buffer for clearing
.setsect “result”,
0x1800,0
;Set address of result for clearing
.text
;.text marks start of code
start:
;Make sure /PWRDWN is low at J1-9 to turn off AC01 adc
tim=#0fh
prd=#0fh
tcr = #10h
; stop timer
tspc = #0h
; stop TDM serial port to AC01
pmst = #01a0h ; set up iptr. Processor Mode STatus register
sp = #0700h
; init stack pointer.
dp = #0
; data page
ar2 = #1800h
; pointer to computed receive buffer.
ar3 = #0800h
; pointer to Buffered Serial Port receive buffer
ar4 = #0h
; reset record counter
call sineinit
; Double clutch the initialization to insure a proper
sinepeek:
; insert debugger break here to view results
call sineinit
; reset. The external frame sync must occur 2.5 clocks
; or more after the port comes out of reset.
wait
goto wait
;
————————Buffered Receive Interrupt Routine —————————
breceive:
ifr = #10h
; clear interrupt flags
TC = bitf(@BSPCE,#4000h)
; check which half (bspce(bit14)) of buffer
if (NTC) goto bufull
; if this still the first half get next half
bspce = #(2023h + 08000h)
; turn on halt for second half (bspce(bit15))
return_enable
;
———————mask and shift input data after 2k buffer is full——-
bufull:
b = *ar3+ << -2
; load acc b with BSP buffer and shift right 2
b = #00FFFh & b
; mask out the REF bit and the 3 other tristate bits
b = #00800h ^ b
; invert BIPOLAR MSB. Comment this line in UNIPOLAR mode
*ar2+ = data(#0bh)
; store B to out buffer and advance AR2 pointer
TC = (@ar2 == #02000h) ; output buffer is 2k starting at 1800h
if (TC) goto start
; restart if out buffer is at 1fffh
goto bufull
;
—————————dummy bsend return————————————
bsend return_enable
;this is a dummy return to define bsend
;in vector table below
;
——————————— end ISR ——————————————
;initialize buffered serial port
**********************************************************************
*
BSP initialization code for the ‘C54x DSKplus
*
*
for use with 1402 in standard mode
*
*
BSPC and SPC are the same in the ‘C542
*
**********************************************************************
ON
.set 1
OFF
.set !ON
YES
.set 1
NO
.set !YES
BIT_8
.set 2
BIT_10
.set 1
BIT_12
.set 3
BIT_16
.set 0
GO
.set 0x80
**********************************************************************



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com