Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 16Page - Linear Technology LTC1402IGN Datasheet HTML 17Page - Linear Technology LTC1402IGN Datasheet HTML 18Page - Linear Technology LTC1402IGN Datasheet HTML 19Page - Linear Technology LTC1402IGN Datasheet HTML 20Page - Linear Technology LTC1402IGN Datasheet HTML 21Page - Linear Technology LTC1402IGN Datasheet HTML 22Page - Linear Technology LTC1402IGN Datasheet HTML 23Page - Linear Technology LTC1402IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1402
APPLICATIONS INFORMATION
* This is an example of how to initialize the Buffered Serial Port (BSP).
* The BSP is initialized to require an external CLK and FSX for
* operation. The data format is 16-bits, burst mode, with autobuffering
* enabled.
*
*
*****************************************************************************************************
*Timing at BSP pins in DSKPLUS TMS320c542 board with inverters at BCLKR and BFSR.
*
*BFSR Pin JP1-20 ~\___/~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~\___/~~~~~~~~~~*
*BCLKR Pin JP1-14 _/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/
*
*BDR Pin JP1-26 -_—_—<REF-B11-B10-B09-B08-B07-B06-B05-B04-B03-B02-B01-B00>—_—_—<REF-B11-
*
*CLKIN Pin JP5-09 ~~~~~\_______/~~~~~~~\_______/~~~~~~~\_______/~~~~~~~\_______/~~~~~~~\_______/~~~~
*
*
*
*A 2 place right shift is needed to right justify the input data.
*
*The REF bit is also be masked in this example
*
*****************************************************************************************************
*
Loopback
.set
NO
;(digital looback mode?)
DLB bit
Format
.set
BIT_16
;(Data format? 16,12,10,8)
FO bit
IntSync
.set
NO
;(internal Frame syncs generated?)
TXM bit
IntCLK
.set
NO
;(internal clks generated?)
MCM bit
BurstMode
.set
YES
;(if BurstMode=NO, then Continuous)
FSM bit
CLKDIV
.set
3
;(3=default value, 1/4 CLOCKOUT)
PCM_Mode
.set
NO
;(Turn on PCM mode?)
FS_polarity
.set
NO
;(change polarity)YES=^^^\_/^^^, NO=___/^\___
CLK_polarity
.set
YES
;(change polarity)for BCLKR YES=_/^, NO=~\_
Frame_ignore
.set
!YES
;(inverted !YES -ignores frame)
XMTautobuf
.set
NO
;(transmit autobuffering)
RCVautobuf
.set
YES
;(receive autobuffering)
XMThalt
.set
NO
;(transmit buff halt if XMT buff is full)
RCVhalt
.set
NO
;(receive buff halt if RCV buff is full)
XMTbufAddr
.set
0x800
;(address of transmit buffer)
XMTbufSize
.set
0x000
;(length of transmit buffer)
RCVbufAddr
.set
0x800
;(address of receive buffer)
RCVbufSize
.set
0x800
;(length of receive buffer)works up to 800
*
*
*
**********************************************************************
.eval ((Loopback >> 1)|((Format & 2)<<1)|(BurstMode <<3)|(IntCLK <<4)|(IntSync <<5)) ,SPCval
.eval ((CLKDIV)|(FS_polarity <<5)|(CLK_polarity<<6)|((Format & 1)<<7)|(Frame_ignore<<8)|(PCM_Mode<<9)), SPCEval
.eval (SPCEval|(XMTautobuf<<10)|(XMThalt<<12)|(RCVautobuf<<13)|(RCVhalt<<15)), SPCEval
sineinit:
bspc = #SPCval
; places buffered serial port in reset
ifr = #10h
; clear interrupt flags
imr = #210h
; Enable HPINT,enable BRINT0
intm = 0
; all unmasked interrupts are enabled.
bspce = #SPCEval
; programs BSPCE and ABU
axr = #XMTbufAddr
; initializes transmit buffer start address
bkx = #XMTbufSize
; initializes transmit buffer size
arr = #RCVbufAddr
; initializes receive buffer start address
bkr = #RCVbufSize
; initializes receive buffer size
bspc = #(SPCval | GO)
; bring buffered serial port out of reset
return
;for transmit and receive because GO=0xC0
.space 16*32
;clear a chunk at the end to mark the end
;======================================================================
;
; VECTORS
;
;======================================================================
.sect “vectors”
;The vectors start here
;get BSP vectors
; ***************************************************************************
;
Vector Table for the ‘C54x DSKplus
;
BSP vectors and Debugger vectors
;
TDM vectors just return
; ***************************************************************************



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com