Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 10Page - Linear Technology LTC1402IGN Datasheet HTML 11Page - Linear Technology LTC1402IGN Datasheet HTML 12Page - Linear Technology LTC1402IGN Datasheet HTML 13Page - Linear Technology LTC1402IGN Datasheet HTML 14Page - Linear Technology LTC1402IGN Datasheet HTML 15Page - Linear Technology LTC1402IGN Datasheet HTML 16Page - Linear Technology LTC1402IGN Datasheet HTML 17Page - Linear Technology LTC1402IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1402
Adjustment in Bipolar Mode with Pin 8 Held High
The code transitions occur midway between successive
integer LSB values (i.e., – FS + 0.5LSB, – FS + 1.5LSB, – FS
+ 2.5LSB,...FS – 2.5LSB, FS – 1.5LSB). The output at DOUT
is two’s complement binary with 1LSB = FS – (– FS)/4096
= 4.096V/4096 = 1.0mV. In applications where absolute
accuracy is important, offset and full-scale errors can be
adjusted to zero. Offset error must be adjusted before full-
scale error. In Figure 10b, zero offset is achieved by
adjusting the offset applied to the AIN– input. For zero
offset error, apply – 0.5mV (i.e., – 0.5LSB) to AIN+ and
adjust the offset at the AIN– input using R8 until the output
code flickers between 0000 0000 0000 and 1111 1111
1111. For full-scale adjustment in Figures 10a and 10b,
apply an input voltage of 2.0465V (FS – 1.5LSB) to AIN+
and adjust R5 until the output code flickers between 0111
1111 1110 and 0111 1111 1111.
APPLICATIONS INFORMATION
more than 0.25 inch long to the common reference. You
may also choose to tie AGND2 (Pin 6) directly to a solid
analog ground plane and eliminate all the 10
µF capacitors
at this pin. The external reference source needs to have
enough output drive current for the 2k
Ω load at each ADC.
FULL-SCALE AND OFFSET ADJUSTMENT
Figure 9 shows the ideal input/output characteristics for
the LTC1402 in bipolar mode and unipolar mode. Figure
10a shows the components required for full-scale error
adjustment. Figure 10b includes the components for off-
set and full-scale adjustment.
Figure 9. LTC1402 Transfer Characteristic
Figure 10a. Full-Scale Adjustment Circuit with
±10LSB Range
Figure 10b. Offset and Full-Scale Adjustment
Circuits with
±10LSB Range
Adjustment in Unipolar Mode with Pin 8 Held Low
The code transitions occur midway between successive
integer LSB values (i.e., – FS + 0.5LSB, – FS + 1.5LSB,
– FS + 2.5LSB,...FS – 2.5LSB, FS – 1.5LSB). The output at
DOUT is binary with 1LSB = FS/4096 = 4.096V/4096 =
1.0mV. In applications where absolute accuracy is impor-
tant, offset and full-scale errors can be adjusted to zero.
Offset error must be adjusted before full-scale error. In
Figure 10b, zero offset is achieved by adjusting the offset
applied to the AIN– input. For zero offset error apply
– 0.5mV (i.e., – 0.5LSB) to AIN+ and adjust the offset at the
AIN– input using R8 until the output code flickers between
INPUT VOLTAGE (V)
1402 F09
011...111
011...110
011...101
100...000
100...001
100...010
111...111
111...110
111...101
000...000
000...001
000...010
FS – 1LSB
– (FS – 1LSB)
64k
R1
51
Ω
R3
51
Ω
64k
REFERENCE
AMP
S/H
10
µF
R4
470k
R2
24k
R7
7.5k
R5
500
Ω
GAIN
VREF
5
5V
5V
ANALOG INPUT
0V TO 4.096V
OR
±2.048V
OFFSET
ADJ
FULL-SCALE
ADJ
7
AIN
–
4
AIN
+
3
AGND2
6
LTC1402
2.048V
1402 F010b
R8
10k
R6
24k
BANGAP
REFERENCE
64k
R1
51
Ω
R3
51
Ω
64k
10
µF
R4
470k
R2
39k
R5
500
Ω
GAIN
VREF
5
ANALOG INPUT
0V TO 4.096V
OR
±2.048V
7
AIN
–
4
AIN
+
3
AGND2
6
LTC1402
2.048V
1402 F010a
BANGAP
REFERENCE
REFERENCE
AMP
S/H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com