Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1535CSW Datasheet HTML 3Page - Linear Technology LTC1535CSW Datasheet HTML 4Page - Linear Technology LTC1535CSW Datasheet HTML 5Page - Linear Technology LTC1535CSW Datasheet HTML 6Page - Linear Technology LTC1535CSW Datasheet HTML 7Page - Linear Technology LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology LTC1535CSW Datasheet HTML 10Page - Linear Technology LTC1535CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1535
7
1535fa
TEST CIRCUITS
VOD
Y
Z
R
R
VOC
1535 F02
RECEIVER
OUTPUT
CRL
1k
S1
S2
TEST POINT
VCC
1k
1535 F03
3V
DE
Y
Z
DI
R
R
CL1
CL2
1535 F04
OUTPUT
UNDER TEST
CL
S1
S2
VCC
500
Ω
1535 F05
Figure 2. Driver DC Test Load
Figure 3. Receiver Timing Test Load
Figure 4. Driver Timing Test Circuit
Figure 5. Driver Timing Test Load
2
**
D
Y
Z
Y
Z
SLO
2
1
1
R
A
B
RO2
1535 F01
VCC
RO
RE
DE
DI
GND
LOGIC COMMON
2
2
FLOATING RS485 COMMON
** TRANSFORMER
COOPER (561) 241-7876
SLOW SLEW
RATE JUMPER
420kHz
28
27
26
25
4
17
15
16
18
12
13
14
11
1
+
+
GND2
1/2 BAT54C
1/2 BAT54C
VCC2
ST1
ST2
3
2
VCC
RO
1
10
µF
10
µF
2
CTX02-14659
ILOAD
IEXT
VCC2
IVCC2
RL
C2
50pF
2
C1
50pF
fRO = MAX
BAUD
RATE
Figure 1. Self-Oscillation at Maximum Data Rate
(Test Configuration for the First Six Typical Performance Characteristics Curves)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com