Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1535CSW Datasheet HTML 2Page - Linear Technology LTC1535CSW Datasheet HTML 3Page - Linear Technology LTC1535CSW Datasheet HTML 4Page - Linear Technology LTC1535CSW Datasheet HTML 5Page - Linear Technology LTC1535CSW Datasheet HTML 6Page - Linear Technology LTC1535CSW Datasheet HTML 7Page - Linear Technology LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology LTC1535CSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1535
1535fa
POWER SIDE
VCC (Pin 1): 5V Supply. Bypass to GND with 10µF capaci-
tor.
ST1 (Pin 2): DC Converter Output 1 to DC Transformer.
ST2 (Pin 3): DC Converter Output 2 to DC Transformer.
GND (Pin 4): Ground.
DI (Pin 25): Transmit Data TTL Input to the Isolated Side
RS485 Driver. Do not float.
DE (Pin 26): Transmit Enable TTL Input to the Isolated
Side RS485 Driver. A high level enables the driver. Do not
float.
RE (Pin 27): Receive Data Output Enable TTL Input. A low
level enables the receiver. This pin also provides a fault
output signal. (See Figure 11.)
RO (Pin 28): Receive Data TTL Output.
ISOLATED SIDE
GND2 (Pin 11): Isolated Side Power Ground.
Z (Pin 12): Differential Driver Inverting Output.
Y (Pin 13): Differential Driver Noninverting Output.
VCC2 (Pin 14): 5V to 7.5V Supply from DC Transformer.
Bypass to GND2 with 10
µF capacitor.
B (Pin 15): Differential Receiver Inverting Input.
A (Pin 16): Differential Receiver Noninverting Input.
RO2 (Pin 17): Isolated Side Receiver TTL Output. This
output is always enabled and is unaffected by RE.
SLO (Pin 18): Slow Slew Rate Control of RS485 Driver. A
low level forces the driver outputs into slow slew rate
mode.
PI FU CTIO S
BLOCK DIAGRA
1
1.3
POWER SIDE
ISOLATED SIDE
D
Y
Z
SLO
100k
VCC2
27.25k
63.5k
12.75k
27.25k
63.5k
12.75k
DECODE
EN
FAULT
R
A
B
RO2
1535 BD
VCC
RO
RE
DE
DI
GND
ENCODE
DECODE
420kHz
FAULT
ENCODE
EN
28
27
26
25
4
17
15
16
18
12
13
14
11
1
+
GND2
VCC2
ST1
ST2
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com