Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1535CSW Datasheet HTML 5Page - Linear Technology LTC1535CSW Datasheet HTML 6Page - Linear Technology LTC1535CSW Datasheet HTML 7Page - Linear Technology LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology LTC1535CSW Datasheet HTML 10Page - Linear Technology LTC1535CSW Datasheet HTML 11Page - Linear Technology LTC1535CSW Datasheet HTML 12Page - Linear Technology LTC1535CSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1535
9
1535fa
APPLICATIO S I FOR ATIO
Isolation Barrier and Sampled Communication
The LTC1535 uses the SW-28 isolated lead frame package
to provide capacitive isolation barrier between the logic
interface and the RS485 driver/receiver pair. The barrier
provides 2500VRMS of isolation. Communication between
the two sides uses the isolation capacitors in a multiplexed
way to communicate full-duplex data across this barrier
(see Figure 20 and Block Diagram). The data is sampled
and encoded before transmitting across the isolation
barrier, which will add sampling jitter and delay to the
signals (see Figures 13 and 14). The sampling jitter is
approximately 250ns with a nominal delay of 600ns. At
250kBd rate, this represents 6.2% total jitter. The nominal
DE signal to the driver output delay is 875ns
±125ns,
which is longer due to the encoding. Communication
start-up time is approximately 1
µs to 2µs. A time-out fault
will occur if communication from the isolated side fails.
Faults can be monitored on the RE pin.
The maximum baud rate can be determined by connecting
in self-oscillation mode as shown in Figure 1. In this
configuration, with SLO = VCC2, the oscillation frequency
is set by the internal sample rate. With SLO = 0V, the
frequency is reduced by the slower output rise and fall
times.
Push-Pull DC/DC Converter
The powered side contains a full-bridge open-loop driver,
optimized for use with a single primary and center-tapped
secondary transformer. Figure 10 shows the DC/DC con-
verter in a configuration that can deliver up to 100mA of
current to the isolated side using a Cooper CTX02-14659
transformer.
Because the DC/DC converter is open-loop, care in choos-
ing low impedance parts is important for good regulation.
Care must also be taken to not exceed the VCC2 recom-
mended maximum voltage of 7.5V when there is very light
loading. The isolated side contains a low voltage detect
circuit to ensure that communication across the barrier
will only occur when there is sufficient isolated supply
voltage. If the output of the DC/DC converter is over-
loaded, the supply voltage will trip the low voltage detec-
tion at 4.2V. For higher voltage stand-off, the Cooper
CTX02-14608 transformer may be used.
Figure 10
**
2
1
1
1535 F10
VCC
GND
LOGIC COMMON
2
FLOATING RS485 COMMON
** TRANSFORMER
COOPER (561) 241-7876
420kHz
4
14
11
1
+
+
GND2
1/2 BAT54C
1/2 BAT54C
ILOAD
VCC2
ST1
ST2
3
2
VCC
1
10
µF
10
µF
2
CTX02-14659
IEXT
IVCC2
TOTAL LOAD CURRENT, ILOAD (mA)
0
50
100
150
1535 F10a
8
6
4
2
0
VCC = 5.5V
VCC = 5V
VCC = 4.5V
VCC2 vs ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com