Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology LTC1535CSW Datasheet HTML 10Page - Linear Technology LTC1535CSW Datasheet HTML 11Page - Linear Technology LTC1535CSW Datasheet HTML 12Page - Linear Technology LTC1535CSW Datasheet HTML 13Page - Linear Technology LTC1535CSW Datasheet HTML 14Page - Linear Technology LTC1535CSW Datasheet HTML 15Page - Linear Technology LTC1535CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1535
13
1535fa
Figure 13. Driver Propagation Delay
with Sample Jitter. SLO = VCC2
APPLICATIO S I FOR ATIO
Figure 14. Driver Propagation Delay
with Sample Jitter. SLO = 0V
Figure 15. Driver Output.
R = 27
Ω, VCC2 = 5V, SLO = VCC2
Figure 16. Driver Output.
R = 27
Ω, VCC2 = 5V, SLO = 0V
DI
DI
Figure 17. Driver Differential Output.
R = 27
Ω, VCC2 = 5V, SLO = VCC2
Figure 18. Driver Differential Output.
R = 27
Ω, VCC2 = 5V, SLO = 0V
Z
Z
Y
Y
Y–Z
Y–Z
Y–Z
Y–Z
1535 F13.tif
1535 F14.tif
1535 F15.tif
1535 F16.tif
1535 F17.tif
1535 F18.tif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com