Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology LTC1535CSW Datasheet HTML 10Page - Linear Technology LTC1535CSW Datasheet HTML 11Page - Linear Technology LTC1535CSW Datasheet HTML 12Page - Linear Technology LTC1535CSW Datasheet HTML 13Page - Linear Technology LTC1535CSW Datasheet HTML 14Page - Linear Technology LTC1535CSW Datasheet HTML 15Page - Linear Technology LTC1535CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1535
1535fa
A
B
Y
Z
TTL INPUT
RO
RE
DE
DI
LTC1535
30k
A
B
Y
Z
TTL INPUT
RO
RE
DE
DI
LTC1535
1535 TA05
30k
Figure 20. Configuring Receiver for TTL Level Input. Y and Z Outputs Are TTL Compatible with No Modification
(20a) Noninverting
(20b) Inverting
Figure 19. Fail-Safe Logic “0”
3V
DE
Y
Z
DI
R
R
CL1
CL2
1535 F04
120
Ω
**
D
Y
Z
SLO
2
1
1
1
R
A
120
Ω
B
RO2
1535 TA02
VCC
RO
RE
DE
DI
GND
LOGIC COMMON
2
FLOATING RS485 COMMON
** TRANSFORMER
COOPER (561) 241-7876
420kHz
28
27
26
25
4
17
15
16
18
12
13
14
11
1
+
+
GND2
1/2 BAT54C
1/2 BAT54C
VCC2
ST1
ST2
3
2
VCC
RO
RE
VCC
DI
1
10
µF
10
µF
2
CTX02-14659
Full-Duplex Connection
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com