Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology LTC1535CSW Datasheet HTML 10Page - Linear Technology LTC1535CSW Datasheet HTML 11Page - Linear Technology LTC1535CSW Datasheet HTML 12Page - Linear Technology LTC1535CSW Datasheet HTML 13Page - Linear Technology LTC1535CSW Datasheet HTML 14Page - Linear Technology LTC1535CSW Datasheet HTML 15Page - Linear Technology LTC1535CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1535
1535fa
Figure 12. Detecting Wiring Faults
TWISTED-PAIR
NETWORK
2
EQUIPMENT SAFETY GROUND
EARTH GROUND
2
2
FLOATING RS485 COMMON
*
IRC WCR1206
** IRC WCR1210
*** PANASONIC ECQ-U2A103MV
B1
CN2R (JKL)
1535 F12
R1*
470k
R2*
470k
R3**
100k
R4**
100k
C1***
10nF
2
Y
A
B
Z
GND2
LTC1535
High Voltage Considerations
The LTC1535 eliminates ground loops on data communi-
cation lines. However, such isolation can bring potentially
dangerous voltages onto the circuit board. An example
would be accidental faulting to 117V AC at some point on
the cable which is then conducted to the PC board.
Figure 12 shows how to detect and warn the user or
installer that a voltage fault condition exists on the twisted
pair or its shield. A small (3.2mm) glow lamp is connected
between GND2 (the isolated ground) and the equipment’s
safety “earth” ground. If a potential of more than 75V AC
is present on the twisted pair or shield, B1 will light,
indicating a wiring fault. Resistors R3 and R4 are used to
ballast the current in B1. Two resistors are necessary
because they can only stand off 200V each, as well as for
power dissipation. As shown, the circuit can withstand a
direct fault to a 440V 3
∅ system.
Other problems introduced by floating the twisted pair
include the collection of static charge on the twisted pair,
its shield and the attached circuitry. Resistors R1 and R2
provide a path to shunt static charge safely to ground.
Again, two resisitors are necessary to withstand high
voltage faults. Electrostatic spikes, electromagnetically
induced transients and radio frequency pickup are shunted
by addition capacitor C1.
Receiver Inputs Fail-Safe
The LTC1535 features an input common mode range
covering the entire RS485 specified range of –7V to 12V.
Differential signals of greater than
±200mV within the
specified input common mode range will be converted to
TTL compatible signals at the receiver outputs, RO and
RO2. A small amount of input hyteresis is included to
minimize the effects of noise on the line signals. If the
receiver inputs are floating or shorted, a designed-in
receiver offset guarantees a fail-safe logic high at the
receiver outputs. If a fail-safe logic low is desired, connect
as shown in Figure 19.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com