Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1535CSW Datasheet HTML 1Page - Linear Technology LTC1535CSW Datasheet HTML 2Page - Linear Technology LTC1535CSW Datasheet HTML 3Page - Linear Technology LTC1535CSW Datasheet HTML 4Page - Linear Technology LTC1535CSW Datasheet HTML 5Page - Linear Technology LTC1535CSW Datasheet HTML 6Page - Linear Technology LTC1535CSW Datasheet HTML 7Page - Linear Technology LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1535
1
1535fa
Isolated RS485 Transceiver
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®1535 is an isolated RS485 full-duplex differential
line transceiver. Isolated RS485 is ideal for systems where
the ground loop is broken to allow for much larger com-
mon mode voltage ranges. An internal capacitive isolation
barrier provides 2500VRMS of isolation between the line
transceiver and the logic level interface. The powered side
contains a 420kHz push-pull converter to power the iso-
lated RS485 transceiver. Internal full-duplex communica-
tion occurs through the capacitive isolation barrier. The
transceiver meets RS485 and RS422 requirements.
The driver and receiver feature three-state outputs, with
the driver maintaining high impedance over the entire
common mode range. The drivers have short-circuit cur-
rent limits in both directions and a slow slew rate select to
minimize EMI or reflections. The 68k
Ω receiver input
allows up to 128 node connections. A fail-safe feature
defaults to a high output state when the receiver inputs are
open or shorted.
s
Isolated RS485 Receiver/Driver
s
RS485 with Large Common Mode Voltage
s
Breaking RS485 Ground Loops
s
Multiple Unterminated Line Taps
s
UL Rated Isolated RS485: 2500VRMS
UL Recognized
®
File #E151738
s
Eliminates Ground Loops
s
250kBd Maximum Data Rate
s
Self-Powered with 420kHz Converter
s
Half- or Full-Duplex
s
Fail-Safe Output High for Open or
Shorted Receiver Inputs
s
Short-Circuit Current Limit
s
Slow Slew Rate Control
s
68k
Ω Input Impedance Allows Up to 128 Nodes
s
Thermal Shutdown
s
8kV ESD Protection On Driver Outputs and
Receiver Inputs
s
Available in 28-Lead SW Package
**
D
Y
Z
SLO
2
1
1
R
A
B
RO2
1535 TA01
VCC
RO
RE
DE
DI
GND
LOGIC COMMON
2
FLOATING RS485 COMMON
** TRANSFORMER
COOPER (561) 241-7876
420kHz
28
27
26
25
4
17
15
16
18
12
13
14
11
1
+
+
GND2
1/2 BAT54C
1/2 BAT54C
VCC2
ST1
ST2
3
2
VCC
RO
RE
DE
DI
1
10
µF
10
µF
2
CTX02-14659
TWISTED-PAIR
CABLE
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1535CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535CSW LINER-LTC1535CSW Datasheet
226Kb / 12P
Isolated RS485 Transceiver
LTC1535CSW LINER-LTC1535CSW Datasheet
263Kb / 18P
Isolated RS485 Transceiver
LTC1535CSWPBF LINER-LTC1535CSWPBF Datasheet
263Kb / 18P
Isolated RS485 Transceiver
More results

Similar Description - LTC1535CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTC1535 LINER-LTC1535_15 Datasheet
267Kb / 18P
Isolated RS485 Transceiver
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com