Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1535CSW Datasheet HTML 1Page - Linear Technology LTC1535CSW Datasheet HTML 2Page - Linear Technology LTC1535CSW Datasheet HTML 3Page - Linear Technology LTC1535CSW Datasheet HTML 4Page - Linear Technology LTC1535CSW Datasheet HTML 5Page - Linear Technology LTC1535CSW Datasheet HTML 6Page - Linear Technology LTC1535CSW Datasheet HTML 7Page - Linear Technology LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1535
1535fa
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: RS422 50
Ω specification based on RS485 27Ω test.
Note 3: IIN is tested at VCC2 = 5V, guaranteed by design from
GND2
≤ VCC2 ≤ 5.25V.
Note 4: Input fault conditions on the RS485 receiver are detected with a
fixed receiver offset. The offset is such that an input short or open will
result in a high data output.
Note 5: The low voltage detect faults when VCC2 or VCC drops below VUVL
and reenables when greater than VUVH. The fault can be monitored
through the weak driver output on RE.
Note 6: Value derived from 1 second test.
Note 7: The input signals are internally sampled and encoded. The internal
sample rate determines the data output jitter since the internal sampling is
asynchronous with respect to the external data. Nominally, a 4MHz
internal sample rate gives 250ns of sampling uncertainty in the input
signals.
Note 8: The maximum baud rate is 250kBd with 10% sampling jitter.
Lower baud rates have lower jitter.
Note 9: Start-up time is the time for communication to recover after a fault
condition. Data time-out is the time a fault is indicated on RE after data
communication has stopped.
Note 10. ICC measured with no load, ST1 and ST2 floating.
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G01
130
120
110
100
90
80
70
60
50
RL = 54Ω
VCC = 5V
COOPER
CTX02-14659
TRANSFORMER
RL = 120Ω
RL = OPEN
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G02
90
80
70
60
50
40
30
20
10
VCC2 = 6V
VCC2 = 5V
VCC2 = 4.5V
fDI = fMAX
SLO = 0V
RL = 54Ω
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G03
6.5
6.0
5.5
5.0
4.5
RL = 54Ω, VCC = 5V
RL = 54Ω, VCC = 4.5V
fDI = 250kHz
SLO = 0V
COOPER
CTX02-14659
TRANSFORMER
RL = OPEN, VCC = 5V
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G04
500
400
300
200
100
VCC = VCC2 = 4.5V
SLO = VCC2
RL = 54Ω
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G05
65
60
55
50
45
40
35
30
25
VCC2 = 5V, 4.5V
SLO = VCC2
RL = 54Ω
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G06
800
700
600
500
400
300
200
SLO = 0V
RL = 54Ω
VCC2 = 5V
VCC2 = 4.5V
VCC Supply Current vs
Temperature
VCC2 Supply Current vs
Temperature
VCC2 Supply Voltage vs
Temperature
Maximum Baud Rate vs
Temperature
Driver Differential Output Rise/
Fall Time vs Temperature
Driver Differential Output Rise/
Fall Time vs Temperature
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com