Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1535CSW Datasheet HTML 1Page - Linear Technology LTC1535CSW Datasheet HTML 2Page - Linear Technology LTC1535CSW Datasheet HTML 3Page - Linear Technology LTC1535CSW Datasheet HTML 4Page - Linear Technology LTC1535CSW Datasheet HTML 5Page - Linear Technology LTC1535CSW Datasheet HTML 6Page - Linear Technology LTC1535CSW Datasheet HTML 7Page - Linear Technology LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1535
5
1535fa
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G07
600
500
400
300
200
VCC = 5V
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G08
4
3
2
1
0
VCC2 = 6V
VCC2 = 5V
VCC2 = 4.5V
SLO = VCC2
RL = 54Ω
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G09
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 5V
VCC = 4.5V
I = 8mA
TEMPERATURE (
°C)
–50 –25
0
25
50
75
100 125 150
1535 G10
4.5
4.0
3.5
3.0
VCC = 5V
VCC = 4.5V
I = 8mA
OUTPUT CURRENT (mA)
0
102030405060708090
1535 G11
5
4
3
2
1
0
VCC = 5.5V
VCC = 4.5V
VCC = 5V
TA = 25°C
OUTPUT CURRENT (mA)
0
102030405060708090 100 110
1535 G12
5
4
3
2
1
0
VCC = 5.5V
VCC = 4.5V
VCC = 5V
TA = 25°C
Switcher Frequency vs
Temperature
Driver Differential Output Voltage
vs Temperature
Receiver Output Low Voltage vs
Temperature
Receiver Output High Voltage vs
Temperature
Driver Differential Output Voltage
vs Output Current
Driver Output High Voltage vs
Output Current
OUTPUT CURRENT (mA)
1535 G13
5
4
3
2
1
0
VCC = 6V
VCC = 4.5V
VCC = 5V
TA = 25°C
0
102030405060708090 100 110
VCC2 SUPPLY VOLTAGE (V)
4.5
5
5.5
6
6.5
7
7.5
1535 G14
5
4
3
2
1
TA = 25°C
RL = 60Ω
LOAD CURRENT (mA)
01
2
3
4
5
6
7
8
9
1535 G15
5.0
4.5
4.0
1.0
0.5
0
TA = 25°C
VCC = 5V
OUTPUT HIGH, SOURCING
OUTPUT LOW, SINKING
Driver Output Low Voltage vs
Output Current
Driver Differential Output Voltage
vs VCC2 Supply Voltage
Receiver Output Voltage vs Load
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com