Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1654IGN Datasheet HTML 4Page - Linear Technology LTC1654IGN Datasheet HTML 5Page - Linear Technology LTC1654IGN Datasheet HTML 6Page - Linear Technology LTC1654IGN Datasheet HTML 7Page - Linear Technology LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology LTC1654IGN Datasheet HTML 10Page - Linear Technology LTC1654IGN Datasheet HTML 11Page - Linear Technology LTC1654IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1654
1654fb
Serial Interface
The data on the SDI input is loaded into the shift register
on the rising edge of SCK. The MSB is loaded first. The
Clock is disabled internally when CS/LD is high. Note: SCK
must be low before CS/LD is pulled low to avoid an extra
internal clock pulse.
If no daisy-chaining is required, the input word can be
24-bit wide, as shown in the timing diagrams. The 8 MSBs,
which are loaded first, are the control and address bits
followed by a 16-bit data word. The last two LSBs in the
data word are don’t cares. The input word can be a stream
of three 8-bit wide segments as shown in the “24-Bit
Update” timing diagram.
If daisy-chaining is required or if the input needs to be
written in two 16-bit wide segments, then the input word
can be 32 bits wide and the top 8 bits (MSBs) are don’t
cares. The remaining 24 bits are control/address and data.
This is also shown in the timing diagrams. The buffered
output of the internal 32-bit shift register is available on
the SDO pin, which swings from GND to VCC.
Multiple LTC1654s may be daisy-chained together by
connecting the SDO pin to the SDI pin of the next IC. The
SCK and CS/LD signals remain common to all ICs in the
daisy-chain. The serial data is clocked to all of the chips,
then the CS/LD signal is pulled high to update all DACs
simultaneously.
Table 1 shows the truth table for the control/address bits.
When the supplies are first applied, the LTC1654 uses
SLOW mode, the outputs are set at 0V, and zeros are
loaded into the 32-bit input shift register. About 300ns
after power-up, the outputs are released from 0V (AGND)
and will go to the voltage on the REFLO pin.
When CLR goes active, zeros are loaded into the input and
DAC latch and the outputs are forced to AGND. After CLR
is forced high, the ouputs will go to the voltage on the
REFLO pin.
Three examples are given to illustrate the DAC’s opera-
tion:
1. Load and update DAC A in FAST mode. Leave DAC B
unchanged. Perform the following sequence for the
control, address and DATA bits:
Step 1: Set DAC A in FAST mode
CS/LD
clock in 0101 0000 XXXXXXXX XXXXXXXX;
CS/LD
Step 2: Load and update DAC A with DATA
CS/LD
clock in 0011 0000 + DATA; CS/LD
2. Load and update DAC A in SLOW mode. Power down
DAC B. Perform the following sequence for the con-
trol, address and DATA bits:
Step 1: Set DAC A in SLOW mode
CS/LD
clock in 0110 0000 XXXXXXXX
XXXXXXXX;
CS/LD
Step 2: Load and update DAC A with DATA
CS/LD
clock in 0011 0000 + DATA; CS/LD
Step 3: Power down DAC B
CS/LD
clock in 0100 0001 XXXXXXXX
XXXXXXXX;
CS/LD
3. Power down both DACs at the same time. Perform the
following sequence for the control, address and DATA
bits:
Step 1: Power down both DACs simultaneously
CS/LD
clock in 0100 1111 XXXXXXXX
XXXXXXXX;
CS/LD
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com