Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology LTC1654IGN Datasheet HTML 10Page - Linear Technology LTC1654IGN Datasheet HTML 11Page - Linear Technology LTC1654IGN Datasheet HTML 12Page - Linear Technology LTC1654IGN Datasheet HTML 13Page - Linear Technology LTC1654IGN Datasheet HTML 14Page - Linear Technology LTC1654IGN Datasheet HTML 15Page - Linear Technology LTC1654IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1654
1654fb
Figure 3. Effect of Negative Offset
Least Significant Bit (LSB): One LSB is the ideal voltage
difference between two successive codes.
LSB = (VFS – VOS)/(2n – 1) = (VFS – VOS)/16383
Nominal LSBs:
LTC1654 LSB = 4.09575V/16383 = 250
µV
Zero-Scale Error (ZSE): The output voltage when the
DAC is loaded with all zeros. Since this is a single supply
part, this value cannot be less than 0V.
Integral Nonlinearity (INL): End-point INL is the maxi-
mum deviation from a straight line passing through the
end points of the DAC transfer curve. Because the part
operates from a single supply and the output cannot go
below zero, the linearity is measured between low code
kL and full scale. The INL error at a given input code is
calculated as follows:
INL
= [VOUT – VOS – (VFS – VOS)(code/16383)]/LSB
VOUT = The output voltage of the DAC measured at the
given input code
Differential Nonlinearity (DNL): DNL is the difference
between the measured change and the ideal one LSB
change between any two adjacent codes. The DNL error
between any two codes is calculated as follows:
DNL
= (
∆VOUT – LSB)/LSB
∆VOUT = The measured voltage difference between
two adjacent codes
Digital Feedthrough: The glitch that appears at the analog
output caused by AC coupling from the digital inputs when
they change state. The area of the glitch is specified in
nV • s.
Resolution (n): Resolution is defined as the number of
digital input bits (n). It is also the number of DAC output
states (2n) that divide the full-scale range. Resolution does
not imply linearity.
Full-Scale Voltage (VFS): This is the output of the DAC
when all bits are set to 1.
Voltage Offset Error (VOS): Normally, DAC offset is the
voltage at the output when the DAC is loaded with all zeros.
The DAC can have a true negative offset, but because the
part is operated from a single supply, the output cannot go
below 0V. If the offset is negative, the output will remain
near 0V resulting in the transfer curve shown in Figure 3.
Therefore, the offset of the part is measured at low code kL:
V
Vk
kV
k
OS
OUT
L
L
FS
n
L
n
=
⎝⎜
⎠⎟
() –
()(
)
21
1
21
DAC CODE
1654 F01
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
DEFI ITIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com