Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology LTC1654IGN Datasheet HTML 10Page - Linear Technology LTC1654IGN Datasheet HTML 11Page - Linear Technology LTC1654IGN Datasheet HTML 12Page - Linear Technology LTC1654IGN Datasheet HTML 13Page - Linear Technology LTC1654IGN Datasheet HTML 14Page - Linear Technology LTC1654IGN Datasheet HTML 15Page - Linear Technology LTC1654IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1654
1654fb
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
X1/X1/2 B
CLR
SCK
SDI
CS/LD
DGND
SDO
X1/X1/2 A
VCC
VOUT B
REFHI B
REFLO B
AGND
REFLO A
REFHI A
VOUT A
LTC1654
0.1
µF
2.7V TO 5.5V
OUTPUT B: 0V TO VCC
OUTPUT A: 0V TO VCC
1654 TA01
µP
Dual 14-Bit Voltage Output DAC
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com