Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1654IGN Datasheet HTML 1Page - Linear Technology LTC1654IGN Datasheet HTML 2Page - Linear Technology LTC1654IGN Datasheet HTML 3Page - Linear Technology LTC1654IGN Datasheet HTML 4Page - Linear Technology LTC1654IGN Datasheet HTML 5Page - Linear Technology LTC1654IGN Datasheet HTML 6Page - Linear Technology LTC1654IGN Datasheet HTML 7Page - Linear Technology LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1654
1654fb
Dual 14-Bit Rail-to-Rail DAC
in 16-Lead SSOP Package
14-Bit Monotonic Over Temperature
Individually Programmable Speed/Power:
3
µs Settling Time at 930µA
8.5
µs Settling Time at 540µA
3V to 5V Single Supply Operation
Maximum Update Rate: 0.9MHz
Buffered True Rail-to-Rail Voltage Outputs
User Selectable Gain
Power-On Reset and Clear Function
Schmitt Trigger On Clock Input Allows Direct
Optocoupler Interface
Smallest Dual 14-Bit DAC: 16-Lead Narrow
SSOP Package
The LTC
®1654 is a dual, rail-to-rail voltage output, 14-bit
digital-to-analog converter (DAC). It is available in a
16-lead narrow SSOP package, making it the smallest dual
14-bit DAC available. It includes output buffer amplifiers
and a flexible serial interface.
The LTC1654 has REFHI pins for each DAC that can be
driven up to VCC. The output will swing from 0V to VCC in
a gain of 1 configuration or VCC/2 in a gain of 1/2 configu-
ration. It operates from a single 2.7V to 5.5V supply.
The LTC1654 has two programmable speeds: a FAST and
SLOW mode with
±1LSB settling times of 3µs or 8.5µs
respectively and supply currents of 930
µA and 540µA in
the two modes. The LTC1654 also has shutdown capabil-
ity, power-on reset and a clear function to 0V.
Digital Calibration
Industrial Process Control
Automatic Test Equipment
Offset/Gain Adjustment
Multiplying DAC
DAC B
1654 BD
VOUT B
REFHI B
VOUT A
X1/X1/2 B
REFHI A
+
POWER-ON
RESET
DAC A
REFLO A
REFLO B
X1/X1/2 A
+
INPUT
LATCH
CONTROL
LOGIC
CS/LD
SCK
SDO
CLR
SDI
INPUT
LATCH
DAC
REGISTER
32-BIT
SHIFT
REGISTER
DAC
REGISTER
FEATURES
DESCRIPTIO
APPLICATIO S
BLOCK DIAGRA
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5396245.


Similar Part No. - LTC1654IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1654IGN LINER-LTC1654IGN Datasheet
154Kb / 12P
Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
More results

Similar Description - LTC1654IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1654 LINER-LTC1654 Datasheet
154Kb / 12P
Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC1654 LINER-LTC1654_15 Datasheet
195Kb / 16P
Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com