Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC1654IGN Datasheet HTML 1Page - Linear Technology LTC1654IGN Datasheet HTML 2Page - Linear Technology LTC1654IGN Datasheet HTML 3Page - Linear Technology LTC1654IGN Datasheet HTML 4Page - Linear Technology LTC1654IGN Datasheet HTML 5Page - Linear Technology LTC1654IGN Datasheet HTML 6Page - Linear Technology LTC1654IGN Datasheet HTML 7Page - Linear Technology LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1654
1654fb
The
denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VCC = 2.7V to 5.5V, VOUT A, VOUT B unloaded, REFHI A,
REFHI B = 4.096V (VCC = 5V), REFHI A, REFHI B = 2.048V (VCC = 2.7V), REFLO = 0V, X1/X1/2 = 0V.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Performance
Voltage Output Slew Rate
(Note 8) SLOW
0.20
0.9
V/
µs
(Note 8) FAST
1.25
3.8
V/
µs
Voltage Output Settling Time
(Note 4) to
±1LSB, SLOW
8.5
µs
(Note 4) to
±1LSB, FAST
3.0
µs
Digital Feedthrough
(Note 7)
1
nV•s
Midscale Glitch Impulse
DAC Switch Between 8000 and 7FFF
20
nV•s
Output Noise Voltage Density
at 10kHz, SLOW
170
nV/
√Hz
at 10kHz, FAST
150
nV/
√Hz
Digital I/O
VIH
Digital Input High Voltage
VCC = 5V
2.4
V
VIL
Digital Input Low Voltage
VCC = 5V
0.8
V
VOH
Digital Output High Voltage
VCC = 5V, IOUT = – 1mA, DOUT Only
VCC – 0.4
V
VOL
Digital Output Low Voltage
VCC = 5V, IOUT = 1mA, DOUT Only
0.4
V
VIH
Digital Input High Voltage
VCC = 3V
2.4
V
VIL
Digital Input Low Voltage
VCC = 3V
0.8
V
VOH
Digital Output High Voltage
VCC = 3V, IOUT = – 1mA, DOUT Only
VCC – 0.4
V
VOL
Digital Output Low Voltage
VCC = 3V, IOUT = 1mA, DOUT Only
0.4
V
ILEAK
Digital Input Leakage
VIN = GND to VCC
±10
µA
CIN
Digital Input Capacitance
(Note 6)
10
pF
Reference Input
Reference Input Resistance
REFHI to REFLO
30
60
k
Reference Input Range
(Note 6)
0VCC
V
Reference Input Current
In Shutdown
1
µA
Switching Characteristics (VCC = 4.5V to 5.5V)
t1
SDI Valid to SCK Setup
30
ns
t2
SDI Valid to SCK Hold
(Note 6)
0ns
t3
SCK High Time
(Note 6)
15
ns
t4
SCK Low Time
(Note 6)
15
ns
t5
CS/LD Pulse Width
(Note 6)
15
ns
t6
LSB SCK to CS/LD
(Note 6)
10
ns
t7
CS/LD Low to SCK
(Note 6)
10
ns
t8
SD0 Output Delay
CLOAD = 100pF
5
100
ns
t9
SCK Low to CS/LD Low
(Note 6)
10
ns
t10
CLR Pulse Width
(Note 6)
30
ns
Switching Characteristics (VCC = 2.7V to 5.5V)
t1
SDI Valid to SCK Setup
45
ns
t2
SDI Valid to SCK Hold
(Note 6)
0ns
t3
SCK High Time
(Note 6)
20
ns
t4
SCK Low Time
(Note 6)
20
ns
t5
CS/LD Pulse Width
(Note 6)
20
ns
t6
LSB SCK to CS/LD
(Note 6)
15
ns
t7
CS/LD Low to SCK
(Note 6)
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com