Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1654IGN Datasheet HTML 6Page - Linear Technology LTC1654IGN Datasheet HTML 7Page - Linear Technology LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology LTC1654IGN Datasheet HTML 10Page - Linear Technology LTC1654IGN Datasheet HTML 11Page - Linear Technology LTC1654IGN Datasheet HTML 12Page - Linear Technology LTC1654IGN Datasheet HTML 13Page - Linear Technology LTC1654IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1654
1654fb
OPERATIO
Table 1.
CONTROL
C3
C2
C1
C0
0000
Load Input Register n
0001
Update (Power-Up) DAC Register n
0010
Load Input Register n, Update (Power-Up) All
0011
Load and Update n
0100
Power Down n
0101
Fast n (Speed States are Maintained Even If DAC is
Put in Power-Down Mode)
0110
Slow n (Default State is Slow When Supplies are
Powered Up)
0111
Reserved (Do Not Use)
1000
Reserved (Do Not Use)
1001
Reserved (Do Not Use)
1010
Reserved (Do Not Use)
1011
Reserved (Do Not Use)
1100
Reserved (Do Not Use)
1101
Reserved (Do Not Use)
1110
Reserved (Do Not Use)
1111
No Operation
ADDRESS (n)
A3
A2
A1
A0
0000
DAC A
0001
DAC B
0010
Reserved (Do Not Use)
0011
Reserved (Do Not Use)
0100
Reserved (Do Not Use)
0101
Reserved (Do Not Use)
0110
Reserved (Do Not Use)
0111
Reserved (Do Not Use)
1000
Reserved (Do Not Use)
1001
Reserved (Do Not Use)
1010
Reserved (Do Not Use)
1011
Reserved (Do Not Use)
1100
Reserved (Do Not Use)
1101
Reserved (Do Not Use)
1110
Reserved (Do Not Use)
1111
Both DACs
INPUT WORD
C3
CONTROL
ADDRESS
DATA (14 + 2 DON'T CARE LSBs)
C2
C1
C0
A3
A2
A1
A0
D13 D12 D11 D10 D9
D8
D7
D6 D5
D4
D3
D2
D1
D0
X
X
1654 TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com