Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology LTC1654IGN Datasheet HTML 10Page - Linear Technology LTC1654IGN Datasheet HTML 11Page - Linear Technology LTC1654IGN Datasheet HTML 12Page - Linear Technology LTC1654IGN Datasheet HTML 13Page - Linear Technology LTC1654IGN Datasheet HTML 14Page - Linear Technology LTC1654IGN Datasheet HTML 15Page - Linear Technology LTC1654IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1654
1654fb
This circuit shows how to use an LTC1654 and an LT
®1077
to make a wide bipolar output swing 14-bit DAC with an
offset that can be digitally programmed. VOUTA, which can
be set by loading the appropriate code for DAC A, sets the
offset. As this value changes, the transfer curve for the
output moves up and down as illustrated in the graph
below.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
X1/X1/2 B
CLR
SCK
SDI
CS/LD
DGND
SDO
X1/X1/2 A
VCC
VOUT B
REFHI B
REFLO B
AGND
REFLO A
REFHI A
VOUT A
LTC1654
0.1
µF
49.9k
1%
5V
1654 TA02
µP
100k
1%
49.9k
1%
VOUT
2 (VOUTB – VOUTA)
15V
–15V
100k
1%
+
LT1077
0
VOUTA ≅ 0V
VOUTA ≅ 2.5V
VOUTA ≅ 5V
CODE
5
1654 TA03
–5
–10
10
16383
A Wide Swing, Bipolar Output 14-Bit DAC with Digitally Controlled Offset
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com