Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1654IGN Datasheet HTML 5Page - Linear Technology LTC1654IGN Datasheet HTML 6Page - Linear Technology LTC1654IGN Datasheet HTML 7Page - Linear Technology LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology LTC1654IGN Datasheet HTML 10Page - Linear Technology LTC1654IGN Datasheet HTML 11Page - Linear Technology LTC1654IGN Datasheet HTML 12Page - Linear Technology LTC1654IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1654
1654fb
Voltage Output
The LTC1654 comes complete with rail-to-rail voltage
output buffer amplifiers. These amplifiers will swing to
within a few millivolts of either supply rail when unloaded
and to within a 450mV of either supply rail when sinking
or sourcing 5mA.
There are two GAIN configuration modes for the LTC1654:
a) GAIN of 1: (X1/X1/2 tied to REFLO)
VOUT = (VREFHI – VREFLO)(CODE/16384) + VREFLO
b) GAIN of 1/2: (X1/X1/2 tied to VOUT)
VOUT = (1/2)(VREFHI – VREFLO)(CODE/16384) + VREFLO
The LTC 1654 has two SPEED modes: A FAST mode and
a SLOW mode. When operating in the FAST mode, the
output amplifiers will settle in 3
µs (typ) to 14 bits on a 4V
output swing. In the SLOW mode, they will settle in 8.5
µs.
The total supply current is 930
µA in the FAST mode and
540
µA in the SLOW mode. The output noise voltage
density at 10kHz is 170nV/
√Hz in SLOW mode and
150nV/
√Hz in FAST mode.
Power Down
Each DAC can also be independently powered down to less
than 5
µA/DAC of supply current. The reference pin also
goes into a high impedance state when the DAC is powered
down and the reference current will drop to below 0.1
µA.
The amplifiers’ output stage is also three-stated but the
VOUT pins still have the internal gain-setting resistors
connected to them resulting in an effective resistance from
VOUT to REFLO. This resistance is typically 90k when the
X1/X1/2 pin is tied to VOUT and 36k when X1/X1/2 is tied to
REFLO. Because of this resistance, VOUT will go to VREFLO
when the DAC is powered down and VOUT is unloaded.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com