Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1654IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1654IGN
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1654IGN Datasheet HTML 1Page - Linear Technology LTC1654IGN Datasheet HTML 2Page - Linear Technology LTC1654IGN Datasheet HTML 3Page - Linear Technology LTC1654IGN Datasheet HTML 4Page - Linear Technology LTC1654IGN Datasheet HTML 5Page - Linear Technology LTC1654IGN Datasheet HTML 6Page - Linear Technology LTC1654IGN Datasheet HTML 7Page - Linear Technology LTC1654IGN Datasheet HTML 8Page - Linear Technology LTC1654IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1654
1654fb
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current
vs Logic Input Voltage
Large-Signal Settling—Fast Mode
LOGIC INPUT VOLTAGE (V)
0
1.5
3.0
4
1654 G07
0
1
2
3
5
Large-Signal Settling—Slow Mode
Midscale Glitch—Fast Mode
Midscale Glitch—Slow Mode
VOUT Glitch at Power-Up
VOUT
10mV/DIV
CS/LD
2V/DIV
TIME (1
µs/DIV)
1654 G10
VOUT
10mV/DIV
CS/LD
2V/DIV
TIME (1
µs/DIV)
1654 G11
VCC
0.5V/DIV
TIME (50ms/DIV)
1654 G12
VOUT
50mV/DIV
VOUT
1V/DIV
CS/LD
2V/DIV
TIME (2
µs/DIV)
1654 G08
VOUT
1V/DIV
CS/LD
2V/DIV
TIME (2
µs/DIV)
1654 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com