Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC600 Datasheet(PDF) 9 Page - Emerson Network Power

Part # MTC600
Description  MicroTCA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600 Datasheet(HTML) 9 Page - Emerson Network Power

Back Button MTC600 Datasheet HTML 5Page - Emerson Network Power MTC600 Datasheet HTML 6Page - Emerson Network Power MTC600 Datasheet HTML 7Page - Emerson Network Power MTC600 Datasheet HTML 8Page - Emerson Network Power MTC600 Datasheet HTML 9Page - Emerson Network Power MTC600 Datasheet HTML 10Page - Emerson Network Power MTC600 Datasheet HTML 11Page - Emerson Network Power MTC600 Datasheet HTML 12Page - Emerson Network Power MTC600 Datasheet HTML 13Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Rev. 05.26.08
MTC600 Series
9 of 19
Embedded Power for
Business-Critical Continuity
Electrical Specifications (continued)
SDA_[x]: SDA_A, SDA_B
Internal pull ups to 3.3 V. Source current limited by 10 Kohm (330 μA with SDA_[x] at 0.0 V). Bufferede to support hot-swap
MIN
MAX
Logic Level Low - VIL
0.7 V
Logic Level High - VIH
2.70 V
I2C Interface - All Models
SCL_[x]: SCL_A, SCL_B
Internal pull ups to 3.3 V. Source current limited by 10 Kohm (330 uA with SCL_[x] at 0.0 V). Buffered to support hot-swap.
MIN
MAX
Logic Level Low Voltage - VIL
0.7 V
Logic Level High Voltage - VIH
2.70 V
Operating Parameters
I2C Operating Voltage
3.3 V
Nominal
I2C Operating Frequency
100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com