Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC600 Datasheet(PDF) 12 Page - Emerson Network Power

Part # MTC600
Description  MicroTCA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600 Datasheet(HTML) 12 Page - Emerson Network Power

Back Button MTC600 Datasheet HTML 8Page - Emerson Network Power MTC600 Datasheet HTML 9Page - Emerson Network Power MTC600 Datasheet HTML 10Page - Emerson Network Power MTC600 Datasheet HTML 11Page - Emerson Network Power MTC600 Datasheet HTML 12Page - Emerson Network Power MTC600 Datasheet HTML 13Page - Emerson Network Power MTC600 Datasheet HTML 14Page - Emerson Network Power MTC600 Datasheet HTML 15Page - Emerson Network Power MTC600 Datasheet HTML 16Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Rev. 05.26.08
MTC600 Series
12 of 19
Embedded Power for
Business-Critical Continuity
IPMB-0 Interface (continued)
Sensors - Mandatory per PICMG and Related Standards
Sensors - Non-Mandatory per PICMG and Related Standards
Event and Status Sensors
These sensors are implemented according to the requirements and specifications of the relevant standards.
Sensor Name
Sensor Number
Management Controller Device Locator
00h
Power Channel Notification
01h
PM Status
02h
IPMB Physical Link
03h
Hot Swap
04h
Temperature Sensors
All temperature sensors have an accuracy of 5%.
All temperature sensors have an offset of -40 °C.
Sensor Name
Sensor Number
Resolution
Applicable Models
Hotspot Temperature
05h
1 °C / bit
All
Ambient Temperature
06h
1 °C / bit
All
Thresholds
Assertion/Deassertion
Comparison Returned
Settable/Readable
Upper Non-Recoverable
Yes
Yes
R
Upper Critical
Yes
Yes
S/R
Upper Non-Critical
Yes
Yes
S/R
Lower Critical
Yes
Yes
S/R
Lower Non-Critical
Yes
Yes
S/R
Thresholds
Assertion/Deassertion
Comparison Returned
Settable/Readable
Upper Critical
Yes
Yes
S/R
Lower Critical
Yes
Yes
S/R
Internal Voltage Sensors
All voltage sensors have an accuracy of 2%.
Sensor Name
Sensor Number
Resolution
Applicable Models
12 Volt
07h
100 mV / bit
All
3V3 Volt
08h
50 mV / bit
All
5 V Volt
09h
50 mV / bit
All
Thresholds
Assertion/Deassertion
Comparison Returned
Settable/Readable
Upper Critical
Yes
Yes
S/R
Internal Current Sensors
All current sensors have an accuracy of 2%.
Sensor Name
Sensor Number
Resolution
Applicable Models
12 V Current
0Ah
0.5 A / bit
All
3V3 Volt
0Bh
50 mA / bit
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com