Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC600 Datasheet(PDF) 17 Page - Emerson Network Power

Part # MTC600
Description  MicroTCA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600 Datasheet(HTML) 17 Page - Emerson Network Power

Back Button MTC600 Datasheet HTML 11Page - Emerson Network Power MTC600 Datasheet HTML 12Page - Emerson Network Power MTC600 Datasheet HTML 13Page - Emerson Network Power MTC600 Datasheet HTML 14Page - Emerson Network Power MTC600 Datasheet HTML 15Page - Emerson Network Power MTC600 Datasheet HTML 16Page - Emerson Network Power MTC600 Datasheet HTML 17Page - Emerson Network Power MTC600 Datasheet HTML 18Page - Emerson Network Power MTC600 Datasheet HTML 19Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Rev. 05.26.08
MTC600 Series
17 of 19
Embedded Power for
Business-Critical Continuity
Mechanical Specifications (continued)
Output Connector
1
PS_PM#
(Last Mate)
PM_OK#
(3rd Mate)
PS1_M1#
(3rd Mate)
PS1_CU1#
(3rd Mate)
EN_M1#
(3rd Mate)
EN_CU1#
(3rd Mate)
MP_M1#
(3rd Mate)
MP_CU1#
(3rd Mate)
2
N/C
PMP_A#
(3rd Mate)
PS1_2#
(3rd Mate)
PS1_1#
(3rd Mate)
EN_2#
(3rd Mate)
EN_1#
(3rd Mate)
MP_2#
(3rd Mate)
MP_1#
(3rd Mate)
3
N/C
PMP_B#
(3rd Mate)
PS1_4#
(3rd Mate)
PS1_3#
(3rd Mate)
EN_4#
(3rd Mate)
EN_3#
(3rd Mate)
MP_4#
(3rd Mate)
MP_3#
(3rd Mate)
4
N/C
PMP_C#
(3rd Mate)
PS1_6#
(3rd Mate)
PS1_5#
(3rd Mate)
EN_6#
(3rd Mate)
EN_5#
(3rd Mate)
MP_6#
(3rd Mate)
MP_5#
(3rd Mate)
5
N/C
RST_PM_IN#
(3rd Mate)
PS1_8#
(3rd Mate)
PS1_7#
(3rd Mate)
EN_8#
(3rd Mate)
EN_7#
(3rd Mate)
MP_8#
(3rd Mate)
MP_7#
(3rd Mate)
6
N/C
RST_PM_A#
(3rd Mate)
PS1_10#
(3rd Mate)
PS1_9#
(3rd Mate)
EN_10#
(3rd Mate)
EN_9#
(3rd Mate)
MP_10#
(3rd Mate)
MP_9#
(3rd Mate)
7
GA0
(3rd Mate)
RST_PM_B#
(3rd Mate)
PS1_12#
(3rd Mate)
PS1_11#
(3rd Mate)
EN_12#
(3rd Mate)
EN_11#
(3rd Mate)
MP_12#
(3rd Mate)
MP_11#
(3rd Mate)
8
GA1
(3rd Mate)
RST_PM_C#
(3rd Mate)
PS1_M2#
(3rd Mate)
PS1_CU2#
(3rd Mate)
EN_M2#
(3rd Mate)
EN_CU2#
(3rd Mate)
MP_M2#
(3rd Mate)
MP_CU2#
(3rd Mate)
9
GA2
(3rd Mate)
SMP
(3rd Mate)
SCL_B
(3rd Mate)
SDA_B
(3rd Mate)
SCL_A
(3rd Mate)
SDA_A
(3rd Mate)
PWR_ON_M2
(3rd Mate)
PWR_ON_M2
(3rd Mate)
AB
C
D
E
F
G
H
P1
PP_M1(2nd Mate)
PP_1(2nd Mate)
P13
P2
PP_CU1(2nd Mate)
PP_2(2nd Mate)
P14
P3
PP_CU2(2nd Mate)
PP_3(2nd Mate)
P15
P4
GND(1st Mate)
PP_4(2nd Mate)
P16
P5
GND(1st Mate)
PP_5(2nd Mate)
P17
P6
GND(1st Mate)
PP_6(2nd Mate)
P18
P7
GND(1st Mate)
PP_7(2nd Mate)
P19
P8
GND(1st Mate)
PP_8(2nd Mate)
P20
P9
GND(1st Mate)
PP_9(2nd Mate)
P21
P10
GND(1st Mate)
PP_10(2nd Mate)
P22
P11
GND(1st Mate)
PP_11(2nd Mate)
P23
P12
PP_M2(2nd Mate)
PP_12(2nd Mate)
P24
Pinout
Pin Description
PP_x
Payload Power (12V) for AMC/MCH/CU x
MP_x
Mgmt Power (3.3V) for AMC/MCH/CU x
GND
Output Return
PS_PM#
Last Mate Pin
GAx
Geographical address line x
PM_OK#
PM Present and OK [Output]
PMP_x#
PM x Present and OK [Input]
RST_PM_IN#
Resets PM EMMC [Input]
RST_PM_x#
Reset signal from PM x [Output]
PWR_ON_Mx
Power-On signal from MCH x
PS1_x#
Detects Presence of AMC/MCH/CU x
EN_x#
Enables (E)MMC of AMC/MCH/CU x
SCL_x
I2C Clock Line for Bus x
SDA_x
I2C Date Line for Bus x
Output Connector:
EPT P/N 501-50096-183,
Tyco P/N 1469922-1,
or equivalent
Mating Connector:
EPT P/N 502-50096-183,
Tyco P/N 1469920-1,
or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com