Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC600 Datasheet(PDF) 16 Page - Emerson Network Power

Part # MTC600
Description  MicroTCA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600 Datasheet(HTML) 16 Page - Emerson Network Power

Back Button MTC600 Datasheet HTML 11Page - Emerson Network Power MTC600 Datasheet HTML 12Page - Emerson Network Power MTC600 Datasheet HTML 13Page - Emerson Network Power MTC600 Datasheet HTML 14Page - Emerson Network Power MTC600 Datasheet HTML 15Page - Emerson Network Power MTC600 Datasheet HTML 16Page - Emerson Network Power MTC600 Datasheet HTML 17Page - Emerson Network Power MTC600 Datasheet HTML 18Page - Emerson Network Power MTC600 Datasheet HTML 19Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Rev. 05.26.08
MTC600 Series
16 of 19
Embedded Power for
Business-Critical Continuity
Mechanical Specifications (continued)
Front Panel - MTC600-48
Front Panel - MTC600-AC
Weight: 25 oz. (700 grams) typical
General - MTC600-48
Input Connector:
Positronics QB7W2MN7T2,
FCI 10070158,
or equivalent
Mating Connector:
Positronics QB7W2F00QH0/AA,
FCI 10070165,
or equivalent
Pinout:
P1: Return
P2: -48 V
1: Not Used
2: Not Used
Input Connector:
IEC 320-C14,
or equivalent
Mating Connector:
IEC 320-C13,
or equivalent
Pinout:
L: Line
N: Neutral
G: Ground
Weight: 30 oz. (850 grams) typical
General - MTC600-AC
Front Panel Drawing for AC-input unit
Green/Red LED
Blue LED
Front Panel Drawing for DC-input unit
Green/Red LED
Blue LED
-48_B
-48_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com