Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC600 Datasheet(PDF) 10 Page - Emerson Network Power

Part # MTC600
Description  MicroTCA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600 Datasheet(HTML) 10 Page - Emerson Network Power

Back Button MTC600 Datasheet HTML 6Page - Emerson Network Power MTC600 Datasheet HTML 7Page - Emerson Network Power MTC600 Datasheet HTML 8Page - Emerson Network Power MTC600 Datasheet HTML 9Page - Emerson Network Power MTC600 Datasheet HTML 10Page - Emerson Network Power MTC600 Datasheet HTML 11Page - Emerson Network Power MTC600 Datasheet HTML 12Page - Emerson Network Power MTC600 Datasheet HTML 13Page - Emerson Network Power MTC600 Datasheet HTML 14Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Rev. 05.26.08
MTC600 Series
10 of 19
Embedded Power for
Business-Critical Continuity
PM-EMMC
IPMB-0 Interface
Functionality
A PM-EMMC is implemented per MicroTCA.0 R1.0 requirements 4.116 through 4.120
IPM Device
IPMB Interface
PM-EMMC aggregates IPMB-A and IPMB-B IPMI v1.5 protocol
SDR Repository
Sensors
Implements mandatory 2 temp sensors; Implements voltage and current senors
Watchdog Timer
Implements a watchdog timer for resetting PM's own PM-EMMC
FRU Inventory
Initialization Agent
PM-EMMC is responsible for initializing it's own event generation and sensors
Internal Event Generation
External Event Generation
Events sent over IPMB-0
Power Channel Mapping
Power Channel
Management
Power
Payload Power
PS1#
ENABLE#
Autonomous Power
1, 2
MP_M1, MP_M2
PP_M1, PP_M2
PS1_M1#, PS1_M2#
EN_M1#, EN_M2#
Depends on PWRON_
M1, PWRON_M2
3, 4
MP_CU1, MP_CU2
PP_CU1, PP_CU2
PS1_CU1#, PS1_CU2#
EN_CU1#, EN_CU2#
Yes
5-16
MP_1 - MP_12
PP_1 - PP_12
PS1_# - PS1-12#
EN_1# - EN_12#
No
Global Commands
NetFN App Request=06h; Response=07h
Command
CMD
Note
Get Device ID
01h
As defined in IPMI v1.5; Broadcast Get Device ID not supported
Cold Reset
02h
As defined in IPMI v1.5
Event Commands
NetFN S/E Request=04h; Response=05h
Command
CMD
Note
Set Event Receiver
00h
As defined in IPMI v1.5
Get Event Receiver
01h
As defined in IPMI v1.5
Platform Event
02h
As defined in IPMI v1.5
Supported Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com