Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC600 Datasheet(PDF) 11 Page - Emerson Network Power

Part # MTC600
Description  MicroTCA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600 Datasheet(HTML) 11 Page - Emerson Network Power

Back Button MTC600 Datasheet HTML 7Page - Emerson Network Power MTC600 Datasheet HTML 8Page - Emerson Network Power MTC600 Datasheet HTML 9Page - Emerson Network Power MTC600 Datasheet HTML 10Page - Emerson Network Power MTC600 Datasheet HTML 11Page - Emerson Network Power MTC600 Datasheet HTML 12Page - Emerson Network Power MTC600 Datasheet HTML 13Page - Emerson Network Power MTC600 Datasheet HTML 14Page - Emerson Network Power MTC600 Datasheet HTML 15Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Rev. 05.26.08
MTC600 Series
11 of 19
Embedded Power for
Business-Critical Continuity
Supported Commands (Continued)
IPMB-0 Interface (continued)
Sensor Device Commands
NetFN S/E Request=04h; Response=05h
Command
CMD
Note
Get Device SDR Info
20h
As defined in IPMI v1.5
Get Device SDR
21h
As defined in IPMI v1.5
Reserve Device SDR Repository
22h
As defined in IPMI v1.5
Set Sensor Hysteresis
24h
As defined in IPMI v1.5
Get Sensor Hysteresis
25h
As defined in IPMI v1.5
Set Sensor Threshold
26h
As defined in IPMI v1.5
Get Sensor Threshold
27h
As defined in IPMI v1.5
Get Sensor Reading
2Dh
As defined in IPMI v1.5
FRU Device Commands
NetFN Storage Request=0Ah; Response=0Bh
Command
CMD
Note
Get FRU Inventory Area Info
10h
As defined in IPMI v1.5
Read FRU Data
11h
As defined in IPMI v1.5
Write FRU Data
12h
As defined in IPMI v1.5
PICMG Commands
NetFN Storage Request=2Ch; Response=2Dh
Command
CMD
Note
Get PICMG Properties
00h
As defined in MicroTCA.0 R1.0
Get FRU LED Properties
05h
As defined in PICMG3.0 R2.0 (ATCA)
Get LED Color Capabilities
06h
As defined in PICMG3.0 R2.0 (ATCA)
Set FRU LED State
07h
As defined in PICMG3.0 R2.0 (ATCA)
Get FRU LED State
08h
As defined in PICMG3.0 R2.0 (ATCA)
Set IPMB State
09h
As defined in PICMG3.0 R2.0 (ATCA)
Get Device Locator Reader ID
0Dh
As defined in PICMG3.0 R2.0 (ATCA)
Get IPMB Link Info
18h
As defined in PICMG3.0 R2.0 (ATCA)
MicroTCA Commands
NetFN PICGMG Request=2Ch; Reponse=2Dh
Command
CMD
Note
Power Channel Control
24h
As defined in MicroTCA.0.0 R1.0
Get Power Channel Status
25h
As defined in MicroTCA.0.0 R1.0
PM Reset
26h
As defined in MicroTCA.0.0 R1.0
Get PM Status
27h
As defined in MicroTCA.0.0 R1.0
PM Heartbeat
28h
As defined in MicroTCA.0.0 R1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com