Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC600 Datasheet(PDF) 15 Page - Emerson Network Power

Part # MTC600
Description  MicroTCA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600 Datasheet(HTML) 15 Page - Emerson Network Power

Back Button MTC600 Datasheet HTML 11Page - Emerson Network Power MTC600 Datasheet HTML 12Page - Emerson Network Power MTC600 Datasheet HTML 13Page - Emerson Network Power MTC600 Datasheet HTML 14Page - Emerson Network Power MTC600 Datasheet HTML 15Page - Emerson Network Power MTC600 Datasheet HTML 16Page - Emerson Network Power MTC600 Datasheet HTML 17Page - Emerson Network Power MTC600 Datasheet HTML 18Page - Emerson Network Power MTC600 Datasheet HTML 19Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Rev. 05.26.08
MTC600 Series
15 of 19
Embedded Power for
Business-Critical Continuity
Electromagnetic Compatibility
All Models
Radiated Emissions
Standard
Limits & Test Parameters
Frequency Range
Criteria
EN55022, Class A
Per Section 6
3 MHz to 1 GHz
N/A
GR-1089-CORE
Per Section 3.2
10 KHz to 10 GHz
N/A
Conducted Emissions
EN55022, Class A
Per Section 6
150 KHz to 30 MHz
N/A
GR-1089-CORE
Per Section 3.2
10 KHz to 30 MHz
N/A
ElectroStatic Discharge
EN61000-4-2
8 KV Contact, 15 KV Air discharge
Impulsive
B
Radiated Immunity
EN61000-4-3
10 V/m (level measure unmodu-
lated) 80% AM, 1 KHZ
80 MHz to 1GHz
A
Fast Transients
EN61000-4-4
5/50 ns 5 KHz pulse
1 KV direct
Impulsive
B
Conducted Immunity
EN61000-4-6
3 V (level measured unmodulated)
80% AM, 1HKz
150 KHz to 80 MHz
A
Voltage Dips & Interruptions
EN61000-4-11
-100% for 10 ms @ 0°;
-100% for 10 ms @ 180°;
-60% for 100 ms;
-30% for 500 ms;
-100% for 5 s
Impulsive
B,C
Fast Transients
EN61000-4-4
5/50 ns 5 KHz pulse
500 V direct
Impulsive
B
Surge
EN61000-4-5
1.2/50 μsec pulse
2 KV Line to Earth
1 KV Line to Line
Impulsive
B
Surge
EN61000-4-5
1.2/50 μsec pulse
500 V Line to Earth
500 V Line to Line
Impulsive
B
AC Models
-48 Vdc Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com