Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC600 Datasheet(PDF) 13 Page - Emerson Network Power

Part # MTC600
Description  MicroTCA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600 Datasheet(HTML) 13 Page - Emerson Network Power

Back Button MTC600 Datasheet HTML 9Page - Emerson Network Power MTC600 Datasheet HTML 10Page - Emerson Network Power MTC600 Datasheet HTML 11Page - Emerson Network Power MTC600 Datasheet HTML 12Page - Emerson Network Power MTC600 Datasheet HTML 13Page - Emerson Network Power MTC600 Datasheet HTML 14Page - Emerson Network Power MTC600 Datasheet HTML 15Page - Emerson Network Power MTC600 Datasheet HTML 16Page - Emerson Network Power MTC600 Datasheet HTML 17Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Rev. 05.26.08
MTC600 Series
13 of 19
Embedded Power for
Business-Critical Continuity
IPMB-0 Interface (continued)
Sensors - Non-Mandatory per PICMG and Related Standards (continued)
Thresholds
Assertion/Deassertion
Comparison Returned
Settable/Readable
Upper Critical
Yes
Yes
S/R
Lower Critical
Yes
Yes
S/R
Lower Non-Recoverable
Yes
Yes
R
Input Voltage Sensors
All voltage sensors have an accuracy of 2%.
Sensor Name
Sensor Number
Resolution
Applicable Models
AC Input Voltage
0Ch
2.0 V / bit
MTC600-AC only
DC Input Votlage A
0Ch
0.5 V / bit
MTC600-48 only
DC Input Voltage B
0Dh
0.5 V / bit
MTC600-48 only
DC Input Or-ed
0Eh
0.5 V / bit
MTC600-48 only
Thresholds
Assertion/Deassertion
Comparison Returned
Settable/Readable
No thresholds implemented
n/a
n/a
n/a
Input Current Sensors
All current sensors have an accuracy of 2%.
Sensor Name
Sensor Number
Resolution
Applicable Models
AC Input Current
0Dh
100 mA / bit
MTC600-AC only
DC Input Current
0Fh
100 mA / bit
MTC600-48 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com