Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC600 Datasheet(PDF) 14 Page - Emerson Network Power

Part # MTC600
Description  MicroTCA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600 Datasheet(HTML) 14 Page - Emerson Network Power

Back Button MTC600 Datasheet HTML 10Page - Emerson Network Power MTC600 Datasheet HTML 11Page - Emerson Network Power MTC600 Datasheet HTML 12Page - Emerson Network Power MTC600 Datasheet HTML 13Page - Emerson Network Power MTC600 Datasheet HTML 14Page - Emerson Network Power MTC600 Datasheet HTML 15Page - Emerson Network Power MTC600 Datasheet HTML 16Page - Emerson Network Power MTC600 Datasheet HTML 17Page - Emerson Network Power MTC600 Datasheet HTML 18Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Rev. 05.26.08
MTC600 Series
14 of 19
Embedded Power for
Business-Critical Continuity
Temperature and Altitude Derating8
Other Environmental
Criteria
Specification
Reference
Relative Hunidity
5% - 95%, non-condensing
GR-63-CORE, R4-7; IEC 60068-2-56, 2-30
Vibration
0.1 g @ 5-100 Hz and back to 5 Hz at a rate
of 0.1 octave/min or
1.5 g @ 100-500 Hz with 0.25 octave/min;
1.5 mm @ 2-9 Hz, 0.5 g @ 9-200 Hz
GR-63-CORE, R4-58, R4-59;
IEC 60068-2-6, 2-36
Shock
4 g @ 22 ms
IEC 60068-2-27, 2-29
Drop
Packaged: 450 mm drop height;
Unpackaged: 25 mm drop height;
Transportation: 1.2 m free fall
GR-63-CORE, R4-8, R4-9
IEC 60068-2-32
Fire Resistance
All material UL 94V-1 or better
The Power Module will not hinder system compliance to the following environmental specifications:
Telcordia GR-63-CORE
Telcordia GR-1089-CORE
NEBS Level 3, per SR-3580
ETS300 019-1-1, Part 1-1 (Class 1.2E equipment)
ETS300 019-1-2, Part 1-2 (Class 2.3 equipment)
ETS300 019-1-3, Part 1-3 (Class 3.2 equipment)
•
•
•
•
•
•
Standards Compliance for Telecommunications Applications
Environmental Specifications
60 m below to 1800 m above sea level
Condition
Temperature
Load
Storage Non-Operating
-45 ˚C to +70 ˚C-
Cold Start
-20 ˚C to -5 ˚C
Any valid condition
Normal Operation
-5 ˚C to 45 ˚C
100%
Short Term Operation9
45 ˚C to 55 ˚C
Linear derating to 80% at 55 ˚C
1800 m to 4000 m above sea level
Condition
Temperature
Load
Storage Non-Operating
-45 ˚C to +70 ˚C-
Cold Start
-20 ˚C to -5 ˚C
Any valid condition
Normal Operation
-5 ˚C to 35 ˚C
35 ˚C to 45 ˚C
100%
System dependent
Short Term Operation9
45 ˚C to 55 ˚C
System dependent
Note 8: 12 CFM airflow for -48 V model; 15 CFM airflow for AC model.
Note 9: Short Term Operation defined as total period of not more than 96 consecutive hours and total of not more than 15 days in 1
year.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com