Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2420CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC2420CS8 Datasheet HTML 1Page - Linear Technology LTC2420CS8 Datasheet HTML 2Page - Linear Technology LTC2420CS8 Datasheet HTML 3Page - Linear Technology LTC2420CS8 Datasheet HTML 4Page - Linear Technology LTC2420CS8 Datasheet HTML 5Page - Linear Technology LTC2420CS8 Datasheet HTML 6Page - Linear Technology LTC2420CS8 Datasheet HTML 7Page - Linear Technology LTC2420CS8 Datasheet HTML 8Page - Linear Technology LTC2420CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
LTC2420
20-Bit
µPower
No Latency
∆ΣTM ADC in SO-8
s
Weight Scales
s
Direct Temperature Measurement
s
Gas Analyzers
s
Strain Gauge Transducers
s
Instrumentation
s
Data Acquisition
s
Industrial Process Control
s
4-Digit DVMs
No Latency
∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
Total Unadjusted Error (3V Supply)
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
20-Bit ADC in SO-8 Package
s
8ppm INL, No Missing Codes at 20 Bits
s
4ppm Full-Scale Error
s
0.5ppm Offset
s
1.2ppm Noise
s
Digital Filter Settles in a Single Cycle. Each
Conversion Is Accurate, Even After an Input Step
s
Fast Mode: 16-Bit Noise, 12 Bits TUE at 100sps
s
Internal Oscillator—No External Components
Required
s
110dB Min, 50Hz/60Hz Notch Filter
s
Reference Input Voltage: 0.1V to VCC
s
Live Zero—Extended Input Range Accommodates
12.5% Overrange and Underrange
s
Single Supply 2.7V to 5.5V Operation
s
Low Supply Current (200
µA) and Auto Shutdown
s
Pin Compatible with 24-Bit LTC2400
The LTC
®2420 is a micropower 20-bit A/D converter with
an integrated oscillator, 8ppm INL and 1.2ppm RMS
noise that operates from 2.7V to 5.5V. It uses delta-sigma
technology and provides a digital filter that settles in a
single cycle for multiplexed applications. Through a single
pin, the LTC2420 can be configured for better than 110dB
rejection at 50Hz or 60Hz
±2%, or it can be driven by an
external oscillator for a user-defined rejection frequency
in the range 1Hz to 800Hz. The internal oscillator requires
no external frequency setting components.
The converter accepts any external reference voltage from
0.1V to VCC. With its extended input conversion range of
–12.5% VREF to 112.5% VREF, the LTC2420 smoothly
resolves the offset and overrange problems of preceding
sensors or signal conditioning circuits.
The LTC2420 communicates through a flexible 3-wire
digital interface which is compatible with SPI and
MICROWIRE
TM protocols.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
VCC
FO
VREF
SCK
VIN
SDO
1
2
3
4
8
7
6
5
GND
CS
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUT RANGE
–0.12VREF TO 1.12VREF
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
3-WIRE
SPI INTERFACE
1
µF
2.7V TO 5.5V
LTC2420
2420 TA01
VCC
INPUT VOLTAGE (V)
0
2
6
10
2.0
2420 G01
–2
–6
0
4
8
–4
–8
–10
0.5
1.0
1.5
2.5
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C


Similar Part No. - LTC2420CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2420CS8 LINER-LTC2420CS8 Datasheet
186Kb / 12P
20-Bit uPower No Latency ADC in SO-8
More results

Similar Description - LTC2420CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2400 LINER-LTC2400 Datasheet
455Kb / 40P
24-Bit uPower No Latency ADC in SO-8
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
20-Bit uPower No Latency ADC in SO-8
LTC2402 LINER-LTC2402 Datasheet
358Kb / 32P
1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2420 LINER-LTC2420_15 Datasheet
367Kb / 28P
20-Bit mPower No Latency ADC in SO-8
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
8-/16-Channel 16-Bit No Latency ADC
LTC2400 LINER-LTC2400_15 Datasheet
475Kb / 40P
24-Bit Power No Latency ADC in SO-8
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
4-/8-Channel 20-Bit mPower No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com