Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2420CS8 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2420CS8 Datasheet HTML 28Page - Linear Technology LTC2420CS8 Datasheet HTML 29Page - Linear Technology LTC2420CS8 Datasheet HTML 30Page - Linear Technology LTC2420CS8 Datasheet HTML 31Page - Linear Technology LTC2420CS8 Datasheet HTML 32Page - Linear Technology LTC2420CS8 Datasheet HTML 33Page - Linear Technology LTC2420CS8 Datasheet HTML 34Page - Linear Technology LTC2420CS8 Datasheet HTML 35Page - Linear Technology LTC2420CS8 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
LTC2420
TYPICAL APPLICATIO S
U1-A
U1-B
U1-C
U1-F
U1-E
TO LTC2420
FO PIN
U1-D
12
5pF
5k
1k
2N3904
10k
47k
1k
47k
10pF
100smps, FO = 2.048MHz
30smps, FO = 614.4kHz
U1: 74HC14 OR EQUIVALENT
270pF
34
5
6
12
13
HALT
11
10
9
8
2420 F40
Figure 40. 2.048MHz Oscillator for 100sps Output Rate
2.048MHz Oscillator for 100sps Output Ratio
The oscillator circuit shown in Figure 40 can be used to
drive the FO pin, boosting the conversion rate of the
LTC2420 for applications that do not require a notch at
50Hz or 60Hz. This oscillator is not sensitive to hysteresis
voltage of a Schmitt trigger device as are simpler
relaxation oscillators using the 74HC14 or similar de-
vices. The circuit can be tuned over a 3:1 range with only
one resistor and can be gated. The use of transmission
gates could be used to shift the frequency in order to
provide setable conversion rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com