Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2420CS8 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2420CS8 Datasheet HTML 28Page - Linear Technology LTC2420CS8 Datasheet HTML 29Page - Linear Technology LTC2420CS8 Datasheet HTML 30Page - Linear Technology LTC2420CS8 Datasheet HTML 31Page - Linear Technology LTC2420CS8 Datasheet HTML 32Page - Linear Technology LTC2420CS8 Datasheet HTML 33Page - Linear Technology LTC2420CS8 Datasheet HTML 34Page - Linear Technology LTC2420CS8 Datasheet HTML 35Page - Linear Technology LTC2420CS8 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33
LTC2420
TYPICAL APPLICATIO S
Using a Low Power Precision Reference
The circuit in Figure 38 shows the connections and by-
passing for an LT1461-2.5 as a 2.5V reference. The
LT1461 is a bandgap reference capable of 3ppm/
°C tem-
perature stability yet consumes only 45
µA of current. The
1k resistor between the reference and the ADC reduces the
transient load changes associated with sampling and
produces optimal results. This reference will not impact
the noise level of the LTC2420 if signals are less than 60%
full scale, and only marginally increases noise approach-
ing full scale. Even lower power references can be used if
only the lower end of the LTC2420 input range is required.
A Differential to Single-Ended Analog Front End
Figure 39 shows the LT1167 as a means of sensing
differential signals. The noise performance of the LT1167
is such that for gains less than 200, the noise floor of the
LTC2420 remains the dominant noise source. At the point
where the noise of the amplifier begins to dominate, the
input referred noise is essentially that of the instrumenta-
tion amplifier. The linearity of the instrumentation ampli-
fier does, however, degrade at higher gains. As a result, if
the full linearity of the LTC2420 is desired, gain in the
instrumentation amplifier should be limited to less than
100, possibly requiring averaging multiple samples to
extend the resolution below the noise floor. The noise level
of the LT1167 at gains greater than 100 is on the order of
50nVRMS, although, 1/f noise and temperature effects may
degrade this below 0.1Hz. The introduction of a filter
between the amplifier and the LTC2420 may improve
noise levels under some circumstances by reducing noise
bandwidth. Note that temperature offset drift effects enve-
lope detection in the input of the LT1167 if exposed to RFI,
thermocouple voltages in connectors, resistors and sol-
dered junctions can all compromise results, appearing as
drift or noise. Turbulent airflow over this circuitry should
be avoided.
+
LT1461-2.5
GND
IN
2420 F38
10
µF
16V
TANT
TO
LTC2420
REF
OUT
5V
1k
0.1
µF
CER
+
–
+
LT1167
3.5k
×4
1
2
RG
5V
8
3
5
1
µF
22
Ω
5k
1
10
µF
2
3
AV =
RECOMMENDED RG: 500Ω, 0.1%
5ppm/
°C
+ 1
49.4k
Ω
RG
4
OPTIONAL
6
2428 F39
–5V
5V
LTC2420
Figure 38. Low Power Reference
Figure 39. A Differential to Single-Ended Analog Front End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com