Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2420CS8 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2420CS8 Datasheet HTML 25Page - Linear Technology LTC2420CS8 Datasheet HTML 26Page - Linear Technology LTC2420CS8 Datasheet HTML 27Page - Linear Technology LTC2420CS8 Datasheet HTML 28Page - Linear Technology LTC2420CS8 Datasheet HTML 29Page - Linear Technology LTC2420CS8 Datasheet HTML 30Page - Linear Technology LTC2420CS8 Datasheet HTML 31Page - Linear Technology LTC2420CS8 Datasheet HTML 32Page - Linear Technology LTC2420CS8 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
LTC2420
SYNCHRONIZATION OF MULTIPLE LTC2420s
Since the LTC2420’s absolute accuracy (total unadjusted
error) is 10ppm, applications utilizing multiple matched
ADCs are possible.
Simultaneous Sampling with Two LTC2420s
One such application is synchronizing multiple LTC2420s,
see Figure 35. The start of conversion is synchronized to
the rising edge of CS. In order to synchronize multiple
LTC2420s, CS is a common input to all the ADCs.
To prevent the converters from autostarting a new con-
version at the end of data output read, 23 or fewer SCK
clock signals are applied to the LTC2420 instead of 24 (the
24th falling edge would start a conversion). The exact
timing and frequency for the SCK signal is not critical
since it is only shifting out the data. In this case, two
LTC2420’s simultaneously start and end their conversion
cycles under the external control of CS.
TYPICAL APPLICATIO S
Increasing the Output Rate Using Multiple LTC2420s
A second application uses multiple LTC2420s to increase
the effective output rate by 4
×, see Figure 36. In this case,
four LTC2420s are interleaved under the control of sepa-
rate CS signals. This increases the effective output rate
from 7.5Hz to 30Hz (up to a maximum of 400Hz). Addi-
tionally, the one-shot output spectrum is unfolded allow-
ing further digital signal processing of the conversion
results. SCK and SDO may be common to all four LTC2420s.
The four CS rising edges equally divide one LTC2420
conversion cycle (7.5Hz for 60Hz notch frequency). In
order to synchronize the start of conversion to CS, 23 or
less SCK clock pulses must be applied to each ADC.
Both the synchronous and 4
× output rate applications use
the external serial clock and single cycle operation with
reduced data output length (see Serial Interface Timing
Modes section and Figure 7). An external oscillator clock
is applied commonly to the FO pin of each LTC2420 in
order to synchronize the sampling times. Both circuits
may be extended to include more LTC2420s.
23 OR LESS CLOCK CYCLES
CS
SCK1
SCK2
2420 F35
SDO1
SDO2
23 OR LESS CLOCK CYCLES
LTC2420
#1
VCC
VREF
VIN
GND
FO
SCK
SDO
CS
SCK2
SCK1
CS
SDO1
SDO2
LTC2420
#2
VCC
VREF
VIN
GND
FO
SCK
SDO
CS
µCONTROLLER
EXTERNAL OSCILLATOR
(153,600HZ)
VREF
(0.1V TO VCC)
Figure 35. Synchronous Conversion—Extendable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com