Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2420CS8 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2420CS8 Datasheet HTML 23Page - Linear Technology LTC2420CS8 Datasheet HTML 24Page - Linear Technology LTC2420CS8 Datasheet HTML 25Page - Linear Technology LTC2420CS8 Datasheet HTML 26Page - Linear Technology LTC2420CS8 Datasheet HTML 27Page - Linear Technology LTC2420CS8 Datasheet HTML 28Page - Linear Technology LTC2420CS8 Datasheet HTML 29Page - Linear Technology LTC2420CS8 Datasheet HTML 30Page - Linear Technology LTC2420CS8 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
LTC2420
Figure 31. Total Unadjusted Error at
100 Samples/Second (No Averaging)
Figure 32. Total Unadjusted Error at
7.5 Samples/Second (No Averaging)
Figure 30. Total Error vs VREF (Output Rate = 100sps)
APPLICATIO S I FOR ATIO
REFERENCE VOLTAGE (V)
1.0
128
192
5.0
2420 F30
64
0
2.0
3.0
4.0
1.5
2.5
3.5
4.5
256
96
160
32
224
OUTPUT RATE = 100sps
12 BITS
13 BITS
14 BITS
15 BITS
INPUT VOLTAGE (V)
0
–40
–30
–25
–20
–15
–10
–5
2420 F31
0
5
10
–35
2.5
VCC = 5V
VREF = 2.5V
INPUT VOLTAGE (V)
0
–2
0
2
5
2420 F32
–4
–6
–10
–8
6
4
VCC = 5V
VREF = 5V
After acquiring 100 samples/second data the FO pin may
be driven LOW enabling 60Hz rejection to 110dB and the
highest possible DC accuracy. The no latency architecture
of the LTC2420 allows consecutive readings (one at 100
samples/second the next at 7.5 samples/second) without
interaction between the two readings.
As shown in Figure 33, the LTC2420 can capture transient
data with 90dB of dynamic range (with a 300mVP-P input
signal at 2Hz). The exceptional DC performance of the
LTC2420 enables signals to be digitized independent of a
large DC offset. Figures 34a and 34b show the dynamic
performance with a 15Hz signal superimposed on a 2V DC
level. The same signal with no DC level is shown in Figures
34c and 34d.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com