Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2420CS8 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2420CS8 Datasheet HTML 28Page - Linear Technology LTC2420CS8 Datasheet HTML 29Page - Linear Technology LTC2420CS8 Datasheet HTML 30Page - Linear Technology LTC2420CS8 Datasheet HTML 31Page - Linear Technology LTC2420CS8 Datasheet HTML 32Page - Linear Technology LTC2420CS8 Datasheet HTML 33Page - Linear Technology LTC2420CS8 Datasheet HTML 34Page - Linear Technology LTC2420CS8 Datasheet HTML 35Page - Linear Technology LTC2420CS8 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
LTC2420
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1019
Precision Bandgap Voltage Reference, 2.5V, 5V
3ppm/
°C Drift, 0.05% Max
LT1025
Micropower Thermocouple Cold Junction Compensator
0.5
°C Initial Accuracy, 80µA Supply Current
LTC1043
Dual Precision Instrumentation Switched Capacitor
Precise Charge, Balanced Switching, Low Power
Building Block
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Voltage Reference, 5V
0.05% Max, 5ppm/
°C Drift
LTC1391
8-Channel Multiplexer
Low RON: 45Ω, Low Charge Injection, Serial Interface
LT1460
Micropower Series Voltage Reference
0.075% Max, 10ppm/
°C Max Drift, 2.5V, 5V and 10V Versions
LTC2400
24-Bit
µPower, No Latency ∆Σ ADC in SO-8
4ppm INL, 10ppm TUE, 200
µA, Pin Compatible with LTC2420
LTC2401/LTC2402
1-/2-Channel, 24-Bit No Latency
∆Σ ADCs
24 Bits in MSOP Package
LTC2404/LTC2408
4-/8-Channel, 24-Bit No Latency
∆Σ ADC
4ppm INL, 10ppm TUE, 200
µA
LTC2410
24-Bit No Latency
∆Σ ADC with Differential Inputs
800nV Noise, Differential Reference, 2.7V to 5.5V Operation
LTC2411
24-Bit No Latency
∆Σ ADC with Differential Inputs/Reference
1.6
µV Noise, Fully Differential, 10-Lead MSOP Package
LTC2413
24-Bit No Latency
∆Σ ADC
Simultaneous 50Hz to 60Hz Rejection 0.16ppm Noise
LTC2424/LTC2428
4-/8-Channel 20-Bit No Latency
∆Σ ADCs
8ppm INL, 1.2ppm Noise, Fast Mode
2420f LT/LCG 1000 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 2000
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIO
The circuit shown in Figure 41 enables pseudodifferential
measurements of several bridge transducers and abso-
lute temperature measurement. The LTC1391 is an
8-to-1 analog multiplexer.
Consecutive readings are performed on each side of the
bridge by selecting the appropriate channel on the
LTC1391. Each output is digitized and the results digitally
subtracted to obtain the pseudodifferential result. Several
bridge transducers may be digitized in this manner.
In order to measure absolute temperature with a thermo-
couple, cold junction compensation must be performed.
Channel 6 measures the output of the thermocouple while
channel 7 measures the output of the cold junction sensor
(diode, thermistor, etc.). This enables digital cold junc-
tion compensation of the thermocouple output. The tem-
perature measurement may then be used to compensate
the temperature effects of the bridge transducers.
CH1
CH0
THERMOCOUPLE
THERMISTOR
CH3
OUT
GND
LTC1391
LTC2420
2420 F41
VREF
VIN
GND
VCC
VCC
FO
SCK
SDO
CS
CH4
CH5
CH6
CH7
CH2
Figure 41. Pseudodifferential Multichannel Bridge Digitizer
and Digital Cold Junction Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com