Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2420CS8 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2420CS8 Datasheet HTML 24Page - Linear Technology LTC2420CS8 Datasheet HTML 25Page - Linear Technology LTC2420CS8 Datasheet HTML 26Page - Linear Technology LTC2420CS8 Datasheet HTML 27Page - Linear Technology LTC2420CS8 Datasheet HTML 28Page - Linear Technology LTC2420CS8 Datasheet HTML 29Page - Linear Technology LTC2420CS8 Datasheet HTML 30Page - Linear Technology LTC2420CS8 Datasheet HTML 31Page - Linear Technology LTC2420CS8 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
LTC2420
33a. Digitized Waveform
33b. Output FFT
Figure 33. Transient Signal Acquisiton
34a. Digitized Waveform with 2V DC Offset
34b. FFT Waveform with 2V DC Offset
34c. Digitized Waveform with No Offset
Figure 34. Using the LTC2420’s High Accuracy Wide Dynamic Range to Digitize
a 300mVP-P 15Hz Waveform with a Large DC Offset (VCC = 5V, VREF = 5V)
34d. FFT Waveform with No Offset
APPLICATIO S I FOR ATIO
TIME
0
0.05
0.10
–0.05
–0.10
–0.20
–0.15
0.20
500ms
0.15
fIN = 2Hz
2420 F33a
FREQUENCY (Hz)
–60
–40
–20
0
–80
–100
–120
2Hz
100sps
0V OFFSET
2420 F33b
TIME
2.00
2.05
2.10
2420 F34a
1.95
1.90
1.80
1.85
2.20
2.15
VIN = 300mVP-P + 2V DC
FREQUENCY (Hz)
–60
–40
–20
0
2420 F34b
–80
–100
–120
15Hz
100sps
2V OFFSET
TIME
0.00
0.05
0.10
2420 F34c
–0.05
–0.10
–0.20
–0.15
0.20
0.15
VIN = 300mVP-P + 0V DC
FREQUENCY (Hz)
–60
–40
–20
0
2420 F34d
–80
–100
–120
15Hz
100sps
0V OFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com