Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2420CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2420CS8 Datasheet HTML 2Page - Linear Technology LTC2420CS8 Datasheet HTML 3Page - Linear Technology LTC2420CS8 Datasheet HTML 4Page - Linear Technology LTC2420CS8 Datasheet HTML 5Page - Linear Technology LTC2420CS8 Datasheet HTML 6Page - Linear Technology LTC2420CS8 Datasheet HTML 7Page - Linear Technology LTC2420CS8 Datasheet HTML 8Page - Linear Technology LTC2420CS8 Datasheet HTML 9Page - Linear Technology LTC2420CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LTC2420
TYPICAL PERFOR A CE CHARACTERISTICS
RMS Noise vs Reference Voltage
Offset Error vs VCC
REFERENCE VOLTAGE (V)
0
0
10
20
30
40
50
60
123
4
2420 G10
5
VCC = 5V
TA = 25°C
VCC (V)
2.7
–10
–5
0
5
10
3.2
3.7
4.2
4.7
2420 G11
5.2 5.5
VREF = 2.5V
TA = 25°C
RMS Noise vs VCC
VCC (V)
2.7
0
2.5
5.0
7.5
10.0
3.2
3.7
4.2
4.7
2420 G12
5.2 5.5
VREF = 2.5V
TA = 25°C
Noise Histogram
RMS Noise vs Code Out
Offset Error vs Temperature
CODE OUT (HEX)
0
7FFFFF
FFFFFF
0
1.25
2.50
3.75
5.00
2420 G14
VCC = 5V
VREF = 5V
VIN = 0.3V TO 5.3V
TA = 25°C
TEMPERATURE (
°C)
–55
–10
–5
0
5
10
–30
–5
20
45
2420 G15
70
95
120
VCC = 5V
VREF = 5V
VIN = 0V
Full-Scale Error vs Temperature
Full-Scale Error vs VCC
TEMPERATURE (
°C)
–55
–10
–5
0
5
10
–30
–5
20
45
2420 G16
70
95
120
VCC = 5V
VREF = 5V
VIN = 5V
Full-Scale Error
vs Reference Voltage
REFERENCE VOLTAGE (V)
0
–150
–125
–100
–75
–50
–25
0
123
4
2420 G17
5
VCC = 5V
VIN = VREF
VCC (V)
2.7
–10
–5
0
5
10
3.2
3.7
4.2
4.7
2420 G18
5.2 5.5
VREF = 2.5V
VIN = 2.5V
TA = 25°C
OUTPUT CODE (ppm)
0
50
100
150
200
250
300
350
26
2420G13
–2
0
4
VCC = 5
VREF = 5
VIN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com