Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2420CS8 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2420CS8 Datasheet HTML 28Page - Linear Technology LTC2420CS8 Datasheet HTML 29Page - Linear Technology LTC2420CS8 Datasheet HTML 30Page - Linear Technology LTC2420CS8 Datasheet HTML 31Page - Linear Technology LTC2420CS8 Datasheet HTML 32Page - Linear Technology LTC2420CS8 Datasheet HTML 33Page - Linear Technology LTC2420CS8 Datasheet HTML 34Page - Linear Technology LTC2420CS8 Datasheet HTML 35Page - Linear Technology LTC2420CS8 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
LTC2420
Table 6. Typical Performance of the LTC2420 ADC When Used with the
LT1167 Instrumentation Amplifiers in Figure 34’s Differential Digitizing Circuit
VS = ±5V
VS = ±15V
PARAMETER
AV = 10
AV = 100
AV = 10
AV = 100
TOTAL (UNITS)
Differential Input Voltage Range
– 30 to 400
– 3 to 40
– 30 to 500
– 3 to 50
mV
Zero Error
–94
– 1590
– 110
– 1470
µV
Maximum Input Current
0.5
nA
Nonlinearity
±4.1
±4.4
±4.1
±3.7
ppm
Noise (Without Averaging)
1.4*
0.19*
1.5*
0.18*
µVRMS
Noise (Averaged 64 Readings)
0.18*
0.02*
0.19*
0.02*
µVRMS
Resolution (with Averaged Readings)
21.4
21.0
21.3
21.1
Bits
Overall Accuracy (Uncalibrated)
18.2
18.1
18.2
19.4
Bits
Common Mode Rejection Ratio
≥120
dB
Common Mode Range
2/–1.5**
2.2/–1.7**
11.5/–11**
11.7/–11.2**
V
*Input referred noise for the respective gain. **Typical values based on single lab tested sample of each amplifier.
TYPICAL APPLICATIO S
Table 5. Typical Performance of the LTC2420 ADC When Used with the
LT1920 Instrumentation Amplifiers in Figure 34’s Differential Digitizing Circuit
VS = ±5V
VS = ±15V
PARAMETER
AV = 10
AV = 100
AV = 10
AV = 100
TOTAL (UNITS)
Differential Input Voltage Range
– 30 to 400
– 3 to 40
– 30 to 500
– 3 to 50
mV
Zero Error
–160
– 2650
– 213
– 2625
µV
Maximum Input Current
2.0
nA
Nonlinearity
±8.2
±7.4
±6.5
±6.1
ppm
Noise (Without Averaging)
1.8*
0.25*
1.5*
0.27*
µVRMS
Noise (Averaged 64 Readings)
0.2*
0.03*
0.19*
0.03*
µVRMS
Resolution (with Averaged Readings)
21
20.6
21.3
20.5
Bits
Overall Accuracy (Uncalibrated)
17.2
17.3
17.5
18.2
Bits
Common Mode Rejection Ratio
≥120
dB
Common Mode Range
2/–1.5**
2.2/–1.7**
11.5/–11**
11.7/–11.2**
V
*Input referred noise for the respective gain. **Typical values based on single lab tested sample of each amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com