Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2925IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2925IGN
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2925IGN Datasheet HTML 4Page - Linear Technology LTC2925IGN Datasheet HTML 5Page - Linear Technology LTC2925IGN Datasheet HTML 6Page - Linear Technology LTC2925IGN Datasheet HTML 7Page - Linear Technology LTC2925IGN Datasheet HTML 8Page - Linear Technology LTC2925IGN Datasheet HTML 9Page - Linear Technology LTC2925IGN Datasheet HTML 10Page - Linear Technology LTC2925IGN Datasheet HTML 11Page - Linear Technology LTC2925IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2925
8
2925f
Tracking Cell
The LTC2925’s operation is based on the tracking cell shown
in Figure 5, which uses a proprietary wide-range current
mirror. The tracking cell shown in Figure 5 servos the
TRACK pin at 0.8V. The current supplied by the TRACK pin
is mirrored at the FB pin to establish a voltage at the output
of the slave supply. The slave output voltage varies with
the master signal, enabling the slave supply to be con-
trolled as a function of the master signal with terms set by
RTA and RTB. By selecting appropriate values of RTA and
RTB, it is possible to generate any of the profiles in Figures
1 to 4.
APPLICATIO S I FOR ATIO
In a properly designed system, when the master signal has
reached its maximum voltage the current from the TRACK1
pin is zero. In this case, there is no current from the FB1 pin
and the LTC2925 has no effect on the output voltage accu-
racy, transient response or stability of the slave supply.
When the ON pin falls below VON(TH) – ∆VON(HYST), typi-
cally 1.225V, the GATE pin pulls down with 10
µA and the
master signal and the slave supplies will fall at the same
rate as they rose previously.
The ON pin can be controlled by a digital I/O pin or it can
be used to monitor an input supply. By connecting a resis-
tive divider from an input supply to the ON pin, the supplies
will ramp up only after the monitored supply has reached
a preset voltage.
Controlling the Ramp-Up and Ramp-Down Behavior
The operation of the LTC2925 is most easily understood
by referring to the simplified functional diagram in
Figure 6. When the ON pin is low, the GATE pin is pulled to
ground causing the master signal to remain low. Since the
current through RTB1 is at its maximum when the master
signal is low, the current from FB1 is also at its maximum.
This current drives the slave’s output to its minimum
voltage.
When the ON pin rises above 1.23V, the master signal
rises and the slave supply tracks the master signal. The
ramp rate is set by an external capacitor driven by a 10
µA
current source from an internal charge pump. If no exter-
nal FET is used, the ramp rate is set by tying the RAMP and
GATE pins together at one terminal of the external capaci-
tor (see the Ratiometric Tracking Example).
Figure 6. Simplified Functional Block Diagram
Figure 5. Simplified Tracking Cell
–
+
RTA
RTB
FB
TRACK
MASTER
0.8V
VCC
RFA
2925 F05
SLAVE
RFB
DC/DC
+
–
FB OUT
1.2V
–
+
–
+
–
+
GATE
Q1
MASTER
SLAVE1
CGATE
1.2V
ON
RAMPBUF
10
µA
VCC
VCC
RONB
RONA
RTA1
RTB1
10
µA
50
µA
2
µA
RAMP
FB1
TRACK1
0.8V
RFA1
RFB1
DC/DC
2925 F06
1
×
50mV
SENSEN
SENSEP
SENSEP – SENSEN > 50mV
SCTMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com