Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2925IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2925IGN
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC2925IGN Datasheet HTML 1Page - Linear Technology LTC2925IGN Datasheet HTML 2Page - Linear Technology LTC2925IGN Datasheet HTML 3Page - Linear Technology LTC2925IGN Datasheet HTML 4Page - Linear Technology LTC2925IGN Datasheet HTML 5Page - Linear Technology LTC2925IGN Datasheet HTML 6Page - Linear Technology LTC2925IGN Datasheet HTML 7Page - Linear Technology LTC2925IGN Datasheet HTML 8Page - Linear Technology LTC2925IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2925
4
2925f
TYPICAL PERFOR A CE CHARACTERISTICS
VGATE vs VCC
VCC (V)
2
8
9
10
12
11
34
2925 G03
56
Specifications are at TA = 25°C.
VCC (V)
2.9
1.3
1.4
1.5
5
2925 G01
1.2
1.1
1.0
3.5
4
4.5
5.5
ITRACKx = IFBx = 0mA
IRAMPBUF = 0mA
ICC vs VCC
VCC (V)
0
0
0.2
0.4
0.6
0.8
1.0
1
234
2925 G02
5
ISDx = 10µA
ISDx = 5mA
VSDx(OL) vs VCC
PI FU CTIO S GN/UF Packages
VCC (Pin 1/Pin 22): Positive Supply Input. The operating
supply input range is 2.9V to 5.5V. An undervoltage
lockout circuit resets the part when the supply is below
2.5V. VCC should be bypassed to GND with a 0.1µF
capacitor.
SENSEP (Pin 2/Pin 23): Circuit Breaker Positive Sense
Input. SENSEP and SENSEN measure the voltage across
the sense resistor and trigger the circuit breaker function
when the current exceeds the level programmed by the
sense resistor for longer than a short circuit timer cycle
(see SCTMR). If unused, tie SENSEN and SENSEP to VCC.
SENSEN (Pin 3/Pin 24): Circuit Breaker Negative Sense
Input. SENSEN connects to the low side of the current
sense resistor. SENSEP and SENSEN monitor the current
through the external FET by measuring the voltage across
the sense resistor. The circuit breaker turns off the FET
when the sense voltage exceeds 50mV for longer than a
short circuit timer cycle (see SCTMR). If the short-circuit
timer times out, the GATE pin will be pulled low immedi-
ately to protect the FET. If unused, tie SENSEN and
SENSEP to VCC.
ON (Pin 4/Pin 1): On Control Input. The ON pin has a
threshold of 1.23V with 75mV of hysteresis. An active high
will cause 10
µA to flow from the GATE pin, ramping up the
supplies. An active low pulls 10
µA from the GATE pin,
ramping the supplies down. Pulling the ON pin below 0.4V
resets the electronic circuit breaker in the LTC2925. If a
resistive divider connected to VCC drives the ON pin, the
supplies will automatically start up when VCC is fully
powered.
SDTMR (Pin 5/Pin 2): Shutdown Timer. A capacitor from
SDTMR to GND sets the delay time between the ON pin
transitioning high (which releases the SDx pins) and the
supplies beginning to ramp-up. Float SDTMR when it is
unused.
SD1, SD2, SD3 (Pins 6, 7, 8/Pins 3, 4, 5): Outputs for
Slave Supply Shutdowns. The SDx pins are open-drain
outputs that hold the shutdown (RUN/SS) pins of the slave
supplies low until the ON pin is pulled above 1.23V. The
SDx pins will be pulled low again when RAMP <100mV and
ON <1.23V. If a slave supply is capable of operating with
an input supply that is lower than the LTC2925’s minimum
operating voltage of 2.9V, the SDx pins can be used to hold
off the slave supplies. Each SDx pin is capable of sinking
greater than 1mA with supplies as low as 2.3V.
RAMPBUF (Pin 9/Pin 6): Ramp Buffer Output. Provides a
low impedance buffered version of the signal on the RAMP
pin. This buffered output drives the resistive dividers that
connect to the TRACKx pins. Limit the capacitance at the
RAMPBUF pin to less than 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com