Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2925IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2925IGN
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2925IGN Datasheet HTML 5Page - Linear Technology LTC2925IGN Datasheet HTML 6Page - Linear Technology LTC2925IGN Datasheet HTML 7Page - Linear Technology LTC2925IGN Datasheet HTML 8Page - Linear Technology LTC2925IGN Datasheet HTML 9Page - Linear Technology LTC2925IGN Datasheet HTML 10Page - Linear Technology LTC2925IGN Datasheet HTML 11Page - Linear Technology LTC2925IGN Datasheet HTML 12Page - Linear Technology LTC2925IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2925
9
2925f
Optional External FET
Figure 7 illustrates how an optional external N-channel FET
can ramp up a single supply that becomes the master
signal. When used, the FET’s gate is tied to the GATE pin
and its source is tied to the RAMP pin. Under normal op-
eration, the GATE pin sources or sinks 10
µA to ramp the
FET’s gate up or down at a rate set by the external capacitor
connected to the GATE pin.
The series FET easily controls any supply with an output
voltage between 0V and VCC. See the Typical Applications
section for examples.
APPLICATIO S I FOR ATIO
The short-circuit timer duration is configured by a capaci-
tor tied between SCTMR and GND. SCTMR will pull up with
50
µAwhenSENSEP–SENSEN>50mV.Otherwise,itpulls
down with 2
µA.WhenthevoltageatSCTMRexceeds1.23V,
the GATE will be pulled to ground with 20mA and the FAULT
pin will be pulled low. Thus, the capacitor, CSCTMR, re-
quired to configure the short-circuit timer duration, tSCTMR
is determined from:
C
At
V
SCTMR
SCTMR
=
50
123
µ •
.
Because the slave supplies track the RAMP pin which is
driven by the external FET, they are pulled low by the track-
ing circuit when a short-circuit fault occurs. Following a
short-circuit fault, the FET is latched off and FAULT is
pulled low until the fault is cleared by pulling the ON pin
below 0.4V. Note that the supplies will not be allowed to
ramp up again until SCTMR has been pulled below about
100mV by the 2
µA pull down current source. The elec-
tronic circuit breaker supports any supply voltage between
0V and VCC. Although it is normally used to monitor cur-
rent through the optional series FET, it is capable of moni-
toring other currents, including the current from a slave
supply. The Typical Applications section shows one such
example.
If the electronic circuit breaker is not used, tie SENSEP and
SENSEN to VCC and SCTMR to GND.
Power Good Timeout
The power good timeout circuit turns off the supplies if an
external supply monitor, connected to the PGI pin, fails to
indicate that all supplies have entered regulation in time
after power up begins. After power up is complete, it turns
off the supplies if any supply exits regulation.
The power good timer duration is configured by a capaci-
tor tied between PGTMR and GND. PGTMR will pull up the
CPGTMR capacitor with 10µA starting when the ON pin is
driven above 1.23V. Once the voltage at the PGTMR ex-
ceeds 1.23V, a fault will trip if the PGI pin is low. When the
power good timeout circuit detects a fault, the GATE pin is
RSENSE
Q1
0.1
µF
CPGTMR
10k
VCC SENSEP SENSEN
3.3V
VIN
3.3V
RONB
VIN
RTB1
RTB2
RFA2
2.5V
SLAVE2
MASTER
RFB2
RTA2
RTB3
RTA3
RTA1
RONA
RAMPBUF
TRACK1
TRACK2
TRACK3
FB2
GATE
LTC2925
PGTMR
CSDTMR
SDTMR
CSCTMR
SCTMR
GND
2925 F07
RAMP
RFA3
1.5V
SLAVE3
RFB3
DC/DC
IN
FB = 0.8V
OUT
DC/DC
IN
FB = 0.8V
RUN/SS
RUN/SS
OUT
FB3
3.3V
PGI
RFA1
1.8V
SLAVE1
RFB1
SUPPLY
MONITOR
DC/DC
IN
FB = 1.235V
RUN/SS
OUT
FB1
FAULT
ON
10k
VIN
STATUS
REMOTE
RST
SD3
SD2
SD1
CGATE
10
Ω
Figure 7. Typical Application With External FET
Electronic Circuit Breaker
The LTC2925 features an electronic circuit breaker func-
tion that protects the optional series FET against short
circuits. An external sense resistor is used to measure the
current flowing in the FET. If the voltage across the sense
resistor exceeds 50mV for more than a short-circuit timer
cycle, the gate of the FET is pulled low with 20mA, turning
it off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com