Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2925IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2925IGN
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2925IGN Datasheet HTML 12Page - Linear Technology LTC2925IGN Datasheet HTML 13Page - Linear Technology LTC2925IGN Datasheet HTML 14Page - Linear Technology LTC2925IGN Datasheet HTML 15Page - Linear Technology LTC2925IGN Datasheet HTML 16Page - Linear Technology LTC2925IGN Datasheet HTML 17Page - Linear Technology LTC2925IGN Datasheet HTML 18Page - Linear Technology LTC2925IGN Datasheet HTML 19Page - Linear Technology LTC2925IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2925
17
2925f
1V/DIV
MASTER
SLAVE2
SLAVE1
1ms/DIV
2925 F19
APPLICATIO S I FOR ATIO
Final Sanity Checks
The collection of equations below is useful for identifying
unrealizable solutions.
As stated in step 2, the slave supply must finish ramping
before the master signal has reached its final voltage. This
can be verified by the following equation:
V
R
R
V
TRACK
TB
TA
MASTER
1
+


<
Here, VTRACK = 0.8V. VMASTER is the final voltage of the
master signal, either the supply voltage ramped up through
the optional external FET or VCC when no FET is present.
It is possible to choose resistor values that require the
LTC2925 to supply more current than the Electrical Char-
acteristics table guarantees. To avoid this condition, check
that ITRACKx does not exceed 1mA and IRAMPBUF does not
exceed
±3mA.
To confirm that ITRACKx < 1mA, the TRACKx pin(s) maxi-
mum guaranteed current, verify that:
V
RR
mA
TRACK
TA
TB
< 1
Finally, check that the RAMPBUF pin will not be forced to
sink more than 3mA when it is at 0V or be forced to source
more than 3mA when it is at VMASTER.
V
RR
V
RR
V
RR
mA and
V
RR
V
RR
V
RR
mA
TRACK
TA
TB
TRACK
TA
TB
TRACK
TA
TB
MASTER
TA
TB
MASTER
TA
TB
MASTER
TA
TB
1
1
22
33
1
1
22
33
3
3
++
<
+
+
+
+
+
<
Caution with Boost Regulators and Linear Regulators
Note that the LTC2925’s tracking cell is not able to control
the outputs of all types of power supplies. If it is necessary
to control a supply, where the output is not controllable
through its feedback node, the series FET can be used to
control its output. For example, boost regulators com-
monly contain an inductor and diode between the input
supply and the output supply providing a DC current path
when the output voltage falls below the input voltage.
Therefore, the LTC2925’s tracking cell will not effectively
drive the supply’s output below the input.
Special caution should be taken when considering the use
of linear regulators. Three-terminal linear regulators have
a reference voltage that is referred to the output supply
rather than to ground. In this case, driving current into the
regulator’s feedback node will cause its output to rise rather
than fall. Even linear regulators that have their reference
voltage referred to ground, including low-dropout regula-
tors (LDOs), may be problematic. Linear regulators com-
monly contain circuitry that prevents driving their outputs
below their reference voltage. This may not be obvious
from the datasheets, so lab testing is recommended when-
ever the LTC2925’s tracking cell is used to control linear
regulators.
Load Requirements
When the supplies are ramped down quickly, either the
load or the supply itself must be capable of sinking enough
current to support the ramp rate. For example, if there is
a large output capacitance on the supply and a weak resis-
tive load, supplies that do not sink current will have their
falling ramp rate limited by the RC time constant of the load
and the output capacitance. Figure 19 shows the case when
the 2.5V supply does not track the 1.8V and 3.3V supplies
near ground.
Start-Up Delays
Often power supplies do not start-up immediatley when
their input supplies are applied. If the LTC2925 tries to
ramp-up these power supplies as soon as the input supply
is present, the start-up of the outputs may be delayed
Figure 19. Weak Resistive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com