Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2925IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2925IGN
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2925IGN Datasheet HTML 2Page - Linear Technology LTC2925IGN Datasheet HTML 3Page - Linear Technology LTC2925IGN Datasheet HTML 4Page - Linear Technology LTC2925IGN Datasheet HTML 5Page - Linear Technology LTC2925IGN Datasheet HTML 6Page - Linear Technology LTC2925IGN Datasheet HTML 7Page - Linear Technology LTC2925IGN Datasheet HTML 8Page - Linear Technology LTC2925IGN Datasheet HTML 9Page - Linear Technology LTC2925IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2925
6
2925f
FU CTIO AL BLOCK DIAGRA
10
µA
10
µA
VCC
2.6V
0.1V
–
+
RAMPBUF
FB3
TRACK3
GND
2925 FBD
1
×
VCC
10
12
9
(6)
REMOTE
17
(14)
10
STATUS
1
11
FB2
TRACK2
14
13
FB1
TRACK1
0.8V
VCC
+
–
15
16
+
–
10
µA
CHARGE
PUMP
SQ
0.1V
R
SCTMR
ON
4
(1)
PGTMR
10
µA
23
PGI
22
SCTMR
24
SDx
(15)
FAULT
(17)
(22)
(7, 25)
20
SENSEN
(24)
3
SENSEP
(23)
2
SDTMR
(2)
5
GATE
(16)
19
RAMP
18
VCC
1.2V
GATE
GATE > RAMP + 4.9V
4.9V
1.2V
0.4V
ONSIG
–
+
1.2V
1.2V
SQ
R
2
µA
50
µA
50mV
SENSEP > SENSEN + 50mV
(8)
(10)
(13)
(9)
(11)
(12)
(20)
(19)
(21)
VCC
VCC
VCC
Pin numbers in parentheses are for the UF package.
PI FU CTIO S GN/UF Packages
SCTMR (Pin 24/Pin 21): Circuit Breaker Timer. A capaci-
tor from SCTMR to GND programs the maximum time that
a short circuit can be sustained before GATE is pulled low.
When (SENSEP – SENSEN) > 50mV, SCTMR will pull up
with 50
µA, otherwise it pulls down with 2µA. When the
voltage at SCTMR exceeds 1.23V, the GATE will be pulled
to ground with 20mA and the FAULT pin will be pulled low.
The circuit breaker function is reset by pulling ON below
0.4V. The GATE pin will not rise again until SCTMR has
been pulled below 100mV by the 2
µA current source. If
FAULT is tied back to ON the system will automatically
retry after a fault. Tie SCTMR to GND if the circuit breaker
is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com