Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2925IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2925IGN
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2925IGN Datasheet HTML 1Page - Linear Technology LTC2925IGN Datasheet HTML 2Page - Linear Technology LTC2925IGN Datasheet HTML 3Page - Linear Technology LTC2925IGN Datasheet HTML 4Page - Linear Technology LTC2925IGN Datasheet HTML 5Page - Linear Technology LTC2925IGN Datasheet HTML 6Page - Linear Technology LTC2925IGN Datasheet HTML 7Page - Linear Technology LTC2925IGN Datasheet HTML 8Page - Linear Technology LTC2925IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2925
1
2925f
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO S
The LTC
®2925 provides a simple solution to power supply
tracking and sequencing requirements. By selecting a few
resistors, the supplies can be configured to ramp-up and
ramp-down together or with voltage offsets, time delays
or different ramp rates.
The LTC2925 controls the outputs of three independent
supplies without inserting any pass element losses. For
systems that require a fourth supply, or when a supply
does not allow direct access to its feedback resistors, one
supply can be controlled with a series FET. When the FET
is used, an internal remote sense switch compensates for
the voltage drop across the FET and current sense resistor,
and an electronic circuit breaker provides protection from
short-circuit conditions.
The LTC2925 also includes a power good timeout feature
that turns off the supplies if an external supply monitor
fails to indicate that the supplies have entered regulation
within an adjustable time-out period.
s
VCORE and VI/O Supply Tracking
s
Microprocessor, DSP and FPGA Supplies
s
Servers
s
Communication Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Flexible Power Supply Tracking Up and Down
s
Power Supply Sequencing
s
Supply Stability Is Not Affected
s
Controls Three Supplies Without Series FETs
s
Controls an Optional Fourth Supply With a
Series FET
s
Electronic Circuit Breaker
s
Remote Sense Switch Compensates for Voltage
Drop Across a Series FET
s
Supply Shutdown Outputs
s
FAULT Output
s
Adjustable Power Good Timeout
s
Available in Narrow 24-Lead SSOP and Tiny 24-Lead
QFN Packages
Multiple Power Supply
Tracking Controller with
Power Good Timeout
0.015
Ω
Si4412ADY
0.1
µF
0.1
µF
0.82
µF
10k
VCC SENSEP SENSEN
3.3V
VIN
3.3V
154k
3.3V VIN
1.65k
88.7k
41.2k
2.5V
SLAVE2
MASTER
88.7k
41.2k
86.6k
100k
13k
100k
RAMPBUF
TRACK1
TRACK2
TRACK3
FB2
GATE
LTC2925
PGTMR
0.082
µF
SDTMR
0.47
µF
SCTMR
GND
2925 TA01
RAMP
100k
1.5V
SLAVE3
86.6k
DC/DC
IN
FB = 0.8V
OUT
DC/DC
IN
FB = 0.8V
RUN/SS
RUN/SS
OUT
FB3
SD3
SD2
3.3V
PGI
35.7k
10
Ω
1.8V
SLAVE1
16.5k
SUPPLY
MONITOR
DC/DC
IN
FB = 1.235V
RUN/SS
OUT
FB1
SD1
FAULT
ON
10k
VIN
STATUS
REMOTE
RST
1V/DIV
3.3V
2.5V
1.8V
1.5V
10ms/DIV
2925 TA02a
1V/DIV
3.3V
2.5V
1.8V
1.5V
2925 TA02b
10ms/DIV


Similar Part No. - LTC2925IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
Multiple Power Supply Tracking Controller with Power Good Timeout
More results

Similar Description - LTC2925IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4212 LINER-LTC4212 Datasheet
230Kb / 24P
Hot Swap Controller with Power-Up Timeout
logo
Semtech Corporation
SC2434 SEMTECH-SC2434 Datasheet
306Kb / 19P
TriPhase Current Mode Controller with Power Good
logo
Linear Technology
LTC2923 LINER-LTC2923 Datasheet
278Kb / 20P
Power Supply Tracking Controller
LTC2927 LINER-LTC2927 Datasheet
255Kb / 16P
Single Power Supply Tracking Controller
logo
Microsemi Corporation
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
STMicroelectronics
L6728D STMICROELECTRONICS-L6728D Datasheet
1Mb / 33P
Single-phase PWM controller with Power Good
03-Feb-2010
logo
Linear Technology
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
Single Power Supply Tracking Controller
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
Power Supply Tracking Controller
LTC4212 LINER-LTC4212_15 Datasheet
240Kb / 24P
Hot Swap Controller with Power-Up Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com