Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2925IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2925IGN
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2925IGN Datasheet HTML 6Page - Linear Technology LTC2925IGN Datasheet HTML 7Page - Linear Technology LTC2925IGN Datasheet HTML 8Page - Linear Technology LTC2925IGN Datasheet HTML 9Page - Linear Technology LTC2925IGN Datasheet HTML 10Page - Linear Technology LTC2925IGN Datasheet HTML 11Page - Linear Technology LTC2925IGN Datasheet HTML 12Page - Linear Technology LTC2925IGN Datasheet HTML 13Page - Linear Technology LTC2925IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2925
10
2925f
CGATE
0.1
µF
CPGTMR
VCC SENSEP SENSEN
VIN
VIN
VIN
RONB
VIN
RTB1
RTB2
RFA2
SLAVE2
RFB2
RTA2
RTB3
RTA3
RTA1
RONA
RAMPBUF
TRACK1
TRACK2
TRACK3
FB2
GATE
LTC2925
PGTMR
CSDTMR
SDTMR
SCTMR
GND
2925 F08
RAMP
RFA3
SLAVE3
RFB3
DC/DC
IN
FB
OUT
DC/DC
IN
FB
RUN/SS
RUN/SS
OUT
FB3
VIN
PGI
RFA1
SLAVE1
RFB1
SUPPLY
MONITOR
DC/DC
IN
FB
RUN/SS
OUT
FB1
FAULT
ON
VIN
STATUS
REMOTE
RST
SD3
SD2
SD1
ful in systems with an external FET. Since the track cell
drives 0.8V on the TRACKx pins, if RTBx is connected di-
rectly to the FET’s source, the TRACKx pin could poten-
tially pull up the FET’s source towards 0.8V when the FET
is off. RAMPBUF blocks this path.
Shutdown Outputs
In some applications it might be necessary to control the
shutdown or RUN/SS pins of the slave supplies. The
LTC2925 may not be able to supply the rated 1mA of cur-
rent from the FB1, FB2, and FB3 pins when VCC is below
2.9V. If the slave power supplies are capable of operating
at low input voltages, use the open-drain SDx outputs to
drive the SHDN or RUN/SS pins of the slave supplies
(Figures 7 and 8). The SDx pins are released when the ON
pin rises above 1.23V, VCC is above the 2.6V undervoltage
lockout condition, and there are no faults latched. The
shutdown timer begins at the same time, and the supplies
begin to ramp up after the shutdown timer cycle com-
pletes. The duration of the timer cycle is configured by a
capacitor tied between SDTMR and GND. The capacitor
voltage is ramped up by a 10
µA current source and the
SDTMR cycle completes when its voltage reaches 1.23V.
Thus, the capacitor, CSDTMR, required for a given shut-
down timer cycle, tSDTMR, is determined from:
C
At
V
SDTMR
SDTMR
=
10
123
µ •
.
The SDx pins pull low again when the ON pin is pulled
below 1.23V and the RAMP pin is below about 100mV.
pulled low, the supplies are latched off, and the FAULT pin
is held low until the fault is cleared by taking the ON pin
below 0.4V.
The PGI pin, which is normally connected to the RST pin
of an external supply monitor, is pulled up with 10
µA
through a schottky diode allowing it to be pulled safely
above VCC. Since, PGTMR pulls up with a 10µA current
source, the capacitor, CPGTMR, required to configure the
power good timeout duration, tPGTMR, is determined from:
C
At
V
PGTMR
PGTMR
=
10
123
µ •
.
If the power good timeout circuit is unused, tie PGTMR low
and float PGI.
The Ramp Buffer
The RAMPBUF pin provides a buffered version of the RAMP
pin voltage that drives the resistive dividers on the TRACKx
pins. When there is no external FET, it provides up to 3mA
to drive the resistors even though the GATE pin only sup-
plies 10
µA (Figure 8). The RAMPBUF pin also proves use-
APPLICATIO S I FOR ATIO
Figure 8. Typical Application Without External FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com