Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2925IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2925IGN
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2925IGN Datasheet HTML 12Page - Linear Technology LTC2925IGN Datasheet HTML 13Page - Linear Technology LTC2925IGN Datasheet HTML 14Page - Linear Technology LTC2925IGN Datasheet HTML 15Page - Linear Technology LTC2925IGN Datasheet HTML 16Page - Linear Technology LTC2925IGN Datasheet HTML 17Page - Linear Technology LTC2925IGN Datasheet HTML 18Page - Linear Technology LTC2925IGN Datasheet HTML 19Page - Linear Technology LTC2925IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2925
20
2925f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0404 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Quad Voltage Monitor in MSOP and DFN
16 User Selectable Combinations,
±1.5% Threshold Accuracy
LTC2901
Quad Voltage Monitor with Watchdog
16 User Selectable Combinations, Adjustable Timers
LTC2902
Quad Voltage Monitor with Adjustable Reset
5%, 2.5%, 10% and 12.5% Selectable Supply Tolerances
LTC2920
Power Supply Margining Controller
Single or Dual, Symmetric/Asymmetric High and Low Margining
LTC2921/LTC2922
Power Supply Tracker with Input Monitors
Includes Three (LTC2921) or Five (LTC2922) Remote Sense Switches
LTC2923
Power Supply Sequencing/Tracking Controller
Controls Two Supplies Without FETs, MSOP-10 and DFN-12 Packages
TYPICAL APPLICATIO S
External FET Controls 1V Supply
Electronic Circuit Breaker Monitors Slave Output
0.015
Ω
Q1
Si4412ADY
0.1
µF
CPGTMR
0.82
µF
10k
VCC
SENSEP SENSEN
3.3V
VIN
3.3V
RONB
154k
3.3V
1V
RTB1
8.66k
RTB2
32.4k
RFA2
41.2k
2.5V
SLAVE2
MASTER
RFB2
88.7k
RTA2
215k
RTB3
53.6k
RTA3
348k
RTA1
48.7k
RONA
100k
RAMPBUF
TRACK1
TRACK2
TRACK3
FB2
GATE
LTC2925
PGTMR
CSDTMR
0.082
µF
SDTMR
CSCTMR
0.41
µF
SCTMR
GND
2925 TA03a
RAMP
RFA3
100k
1.5V
SLAVE3
RFB3
86.6k
DC/DC
IN
FB = 0.8V
OUT
DC/DC
IN
FB = 0.8V
RUN/SS
RUN/SS
OUT
FB3
3.3V
PGI
RFA1
35.7k
1.8V
SLAVE1
RFB1
16.5k
SUPPLY
MONITOR
DC/DC
IN
FB = 1.235V
RUN/SS
OUT
FB1
FAULT
ON
10k
VIN
STATUS
REMOTE
RST
SD3
SD2
SD1
CGATE
0.1
µF
10
Ω
Q1
Si4412ADY
0.1
µF
CPGTMR
0.82
µF
10k
VCC
SENSEP
SENSEN
3.3V
VIN
3.3V
RONB
154k
VIN
RTB1
16.5k
RTB2
88.7k
RFA2
41.2k
2.5V
SLAVE2
MASTER
RFB2
88.7k
RTA2
41.2k
RTB3
86.6k
RTA3
100k
RTA1
13k
RONA
100k
RAMPBUF
TRACK1
TRACK2
TRACK3
FB2
GATE
LTC2925
PGTMR
CSDTMR
0.082
µF
SDTMR
CSCTMR
0.41
µF
SCTMR
GND
2925 TA03b
RAMP
RFA3
100k
1.5V
SLAVE3
RFB3
86.6k
DC/DC
IN
FB = 0.8V
OUT
DC/DC
IN
FB = 0.8V
RUN/SS
RUN/SS
OUT
FB3
3.3V
PGI
RFA1
35.7k
1.8V
SLAVE1
RFB1
16.5k
SUPPLY
MONITOR
DC/DC
IN
FB = 1.235V
RUN/SS
OUT
FB1
FAULT
ON
10k
VIN
STATUS
REMOTE
RST
0.015
Ω
SD3
SD2
SD1
CGATE
0.1
µF
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com